Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC582B60Q3 Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPC582B60Q3
Description  SPC58 2B Line - 32 bit Power Architecture automotive MCU Single core 80Mhz, 1MByte Flash, ASIL-B
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC582B60Q3 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPC582B60Q3 Datasheet HTML 69Page - STMicroelectronics SPC582B60Q3 Datasheet HTML 70Page - STMicroelectronics SPC582B60Q3 Datasheet HTML 71Page - STMicroelectronics SPC582B60Q3 Datasheet HTML 72Page - STMicroelectronics SPC582B60Q3 Datasheet HTML 73Page - STMicroelectronics SPC582B60Q3 Datasheet HTML 74Page - STMicroelectronics SPC582B60Q3 Datasheet HTML 75Page - STMicroelectronics SPC582B60Q3 Datasheet HTML 76Page - STMicroelectronics SPC582B60Q3 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 115 page
background image
DS11597 Rev 4
73/115
SPC582Bx
Electrical characteristics
80
4tSDC CC D SCK duty cycle(6)
SCK drive strength
Very strong
0 pF
1/2tSCK –2
1/2tSCK +2
ns
Strong
0 pF
1/2tSCK –2
1/2tSCK +2
Medium
0 pF
1/2tSCK –5
1/2tSCK +5
PCS strobe timing
5tPCSC CC D
PCSx to PCSS
time(7)
PCS and PCSS drive
strength
Strong
25 pF
16.0
—
ns
6tPASC CC D
PCSS to PCSx
time(7)
PCS and PCSS drive
strength
Strong
25 pF
16.0
—
ns
SIN setup time
7tSUI CC D
SIN setup time to
SCK
CPHA = 0(8)
SCK drive strength
Very strong
25 pF
25 – (P(9) ×tSYS(4))—
ns
Strong
50 pF
31 – (P(9) ×tSYS(4))—
Medium
50 pF
52 – (P(9) ×tSYS(4))—
SIN setup time to
SCK
CPHA = 1(8)
SCK drive strength
Very strong
25 pF
25.0
—
ns
Strong
50 pF
31.0
—
Medium
50 pF
52.0
—
SIN hold time
8tHI
CC D
SIN hold time
from SCK
CPHA = 0(8)
SCK drive strength
Very strong
0 pF
–1 + (P(9) ×tSYS(3))—
ns
Strong
0 pF
–1 + (P(9) ×tSYS(3))—
Medium
0 pF
–1 + (P(9) ×tSYS(3))—
SIN hold time
from SCK
CPHA = 1(8)
SCK drive strength
Very strong
0 pF
–1.0
—
ns
Strong
0 pF
–1.0
—
Medium
0 pF
–1.0
—
Table 39. DSPI CMOS master modified timing (full duplex and output only)
MTFE = 1, CPHA = 0 or 1 (continued)
#
Symbol
C Characteristic
Condition
Value(1)
Unit
Pad drive(2)
Load (CL)Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com