Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16K Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 65Page - STMicroelectronics ST25DV16K Datasheet HTML 66Page - STMicroelectronics ST25DV16K Datasheet HTML 67Page - STMicroelectronics ST25DV16K Datasheet HTML 68Page - STMicroelectronics ST25DV16K Datasheet HTML 69Page - STMicroelectronics ST25DV16K Datasheet HTML 70Page - STMicroelectronics ST25DV16K Datasheet HTML 71Page - STMicroelectronics ST25DV16K Datasheet HTML 72Page - STMicroelectronics ST25DV16K Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 200 page
background image
6.4.3
Minimizing system delays by polling on ACK
During the internal write cycle, the device disconnects itself from the bus, and writes a copy of the data from
its internal latches to the memory cells. The maximum I²C write time (tw) is shown in Table 248. I2C AC
characteristics up to 85°C and Table 249. I2C AC characteristics up to 125°C, but the typical time is shorter.
To make use of this, a polling sequence can be used by the bus master.
The sequence, as shown in Figure 28, is:
•
Initial condition: a write cycle is in progress.
•
Step 1: the bus master issues a Start condition followed by a device select code (the first byte of the new
instruction).
•
Step 2: if the device is busy with the internal write cycle, no Ack is returned and the bus master goes back
to Step 1. If the device has terminated the internal write cycle, it responds with an Ack, indicating that the
device is ready to receive the second part of the instruction (the first byte of this instruction having been sent
during Step 1).
Note:
There is no need of polling when writing in dynamic registers or in mailbox, since programming time is null.
Figure 28. Write cycle polling flowchart using ACK
Write cycle
in progress
Next
Operation is
addressing the
memory
Start condition
Device select
with RW = 0
ACK
returned
YES
NO
YES
NO
Stop
Data for the
Write operation
Send Address
and Receive ACK
YES
NO
StartCondition
Continue the
Write operation
Continue the
Random Read operation
Device select
with RW = 1
First byte of instruction
with RW = 0 already
decoded by the device
ST25DV04K ST25DV16K ST25DV64K
I2C Write operations
DS10925 - Rev 9
page 69/200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com