Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCT8316Z Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MCT8316Z
Description  MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316Z Datasheet(HTML) 49 Page - Texas Instruments

Back Button MCT8316Z Datasheet HTML 45Page - Texas Instruments MCT8316Z Datasheet HTML 46Page - Texas Instruments MCT8316Z Datasheet HTML 47Page - Texas Instruments MCT8316Z Datasheet HTML 48Page - Texas Instruments MCT8316Z Datasheet HTML 49Page - Texas Instruments MCT8316Z Datasheet HTML 50Page - Texas Instruments MCT8316Z Datasheet HTML 51Page - Texas Instruments MCT8316Z Datasheet HTML 52Page - Texas Instruments MCT8316Z Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
8.3.13 Hall Comparators (Analog Hall Inputs)
Three comparators are provided to process the raw signals from the Hall-effect sensors to commutate the motor.
The Hall comparators sense the zero crossings of the differential inputs and pass the information to digital logic.
The Hall comparators have hysteresis, and their detect threshold is centered at 0. The hysteresis is defined as
shown in Figure 8-39.
In addition to the hysteresis, the Hall inputs are deglitched with a circuit that ignores any extra Hall transitions
for a period of tHDEG after sensing a valid transition. Ignoring these transitions for the tHDEG time prevents PWM
noise from being coupled into the Hall inputs, which can result in erroneous commutation.
If excessive noise is still coupled into the Hall comparator inputs, adding capacitors between the positive and
negative inputs of the Hall comparators may be required. The ESD protection circuitry on the Hall inputs
implements a diode to the AVDD pin. Because of this diode, the voltage on the Hall inputs should not exceed the
AVDD voltage.
Because the AVDD pin is disabled in sleep mode (nSLEEP inactive), the Hall inputs should not be driven by
external voltages in sleep mode. If the Hall sensors are powered externally, the supply to the Hall sensors should
be disabled if the MCT8316Z-Q1 device is put into sleep mode. In addition, the Hall sensors' power supply
should be powered up after enabling the motor otherwise an invalid Hall state may cause a delay in motor
operation.
VHYS/2
Hall Differential
Voltage (VID/2)
Hall Comparator
Output
tHDEG (Hall
Deglitch Time)
Hall Comparator
Common Mode
Voltage (VCM)
Time
Figure 8-39. Hall Comparators Operation
www.ti.com
MCT8316Z-Q1
SLVSGO3 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: MCT8316Z-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com