Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F072X8 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F072X8
Description  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F072X8 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F072X8_V01 Datasheet HTML 76Page - STMicroelectronics STM32F072X8_V01 Datasheet HTML 77Page - STMicroelectronics STM32F072X8_V01 Datasheet HTML 78Page - STMicroelectronics STM32F072X8_V01 Datasheet HTML 79Page - STMicroelectronics STM32F072X8_V01 Datasheet HTML 80Page - STMicroelectronics STM32F072X8_V01 Datasheet HTML 81Page - STMicroelectronics STM32F072X8_V01 Datasheet HTML 82Page - STMicroelectronics STM32F072X8_V01 Datasheet HTML 83Page - STMicroelectronics STM32F072X8_V01 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
Electrical characteristics
STM32F072x8 STM32F072xB
80/128
DS9826 Rev 6
Figure 22. TC and TTa I/O input characteristics
Figure 23. Five volt tolerant (FT and FTf) I/O input characteristics
MSv32130V4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
0.5
1
1.5
2
2.5
3
TESTED RANGE
TESTED RANGE
VIHmin
= 0.7
VDDIOx
(CMOS
standard
requirement)
VILmax = 0.3
VDDIOx
(CMOS standard
requirement)
UNDEFINED INPUT RANGE
VIHmin =
0.445 V
DDIOx
+ 0.398
VILmax = 0.3
VDDIOx + 0.07
VIN (V)
VDDIOx (V)
TTL standard requirement
TTL standard requirement
MSv32131V4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
0.5
1
1.5
2
2.5
3
TESTED RANGE
TESTED RANGE
VIHmin
= 0.7
VDDIOx
(CMOS
standard
requirement)
VILmax = 0.3
VDDIOx
(CMOS standard
requirement)
UNDEFINED INPUT RANGE
VIHmin =
0.5 VDDIOx
+ 0.2
VILmax =
0.475
VDDIOx
- 0.2
VIN (V)
VDDIOx (V)
TTL standard requirement
TTL standard requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com