Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X-CUBE-IOD02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # X-CUBE-IOD02
Description  Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-CUBE-IOD02 Datasheet(HTML) 1 Page - STMicroelectronics

  X-CUBE-IOD02 Datasheet HTML 1Page - STMicroelectronics X-CUBE-IOD02 Datasheet HTML 2Page - STMicroelectronics X-CUBE-IOD02 Datasheet HTML 3Page - STMicroelectronics X-CUBE-IOD02 Datasheet HTML 4Page - STMicroelectronics X-CUBE-IOD02 Datasheet HTML 5Page - STMicroelectronics X-CUBE-IOD02 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Based on the L6364Q IO-Link device dual transceiver in QFN package with the
following main characteristics:
2-channel (CQ and DIO) IO-Link PHY layer
IO-Link DLL (M-sequence handler and checksum)
Wake-up detection
Interrupt diagnostic pin
SPI and UART interfaces
50 mA 3.3 V and 5.0 V linear regulators
50 mA adjustable (5.0 ÷ 10.8 V) buck converter
Overload protection with adjustable intervention threshold
Overheating protection with adjustable shutdown threshold
Full reverse polarity on process side
Ground and VCC wire break protections
QFN-20L (4 x 4 x 0.9 mm) package
5 to 35 V operating voltage range
Red LED and green LED for status diagnostics
Radiated Emissions (EM Fields 30 MHz-1 GHz) < 40dB µV/m
Immunity to conducted disturbance (150 kHz-80 MHz) ≤ 10 V
Immunity to RF EM Fields (80 MHz-1 GHz) ≤ 10 V/m
Immunity to RF EM Fields (1 GHz-2.7 GHz) ≤ 3 V/m
Immunity to SURGE pulse (500 Ohm coupling) ≤ ± 1.2 kV
Immunity to ESD contact/air ≤ ±3 kV
Immunity to BURST noise ≤ ±1 kV
Compatible with STM32 Nucleo development boards
Equipped with Arduino UNO R3 connectors
RoHS and WEEE compliant
Description
The X-NUCLEO-IOD02A1 expansion board for STM32 Nucleo is based on the
L6364Q dual channel SIO and IO-Link PHY device transceiver embedding 50 mA 3.3
V and 5.0 V voltage regulators, DC-DC converter and M-sequence management.
The expansion board provides an affordable and easy-to-use solution for the
development of SIO and IO-Link industrial sensor applications, letting you easily
evaluate the L6364Q communication features and robustness.
The X-NUCLEO-IOD02A1 communicates with the STM32 controller via SPI and
GPIO pins and it is compatible with the Arduino UNO R3 (default configuration) and
ST morpho (optional, not mounted) connectors (when connected to a NUCLEO-
L073RZ or NUCLEO-G071RB development board).
Communication via IO-Link can be performed in either Multi-byte and Single-byte
modes with SPI control of IC configuration and bidirectional sensor data
transmission, or in Transparent mode with SPI control of IC configuration and UART
interfacing for bidirectional sensor data transmission.
Product summary
Dual channel IO-
Link device
expansion board
based on
L6364Q for
STM32 Nucleo
X-NUCLEO-IOD02A1
Industrial digital
output software
expansion for
STM32Cube
X-CUBE-IOD02
Dual channel SIO
and IO-Link PHY
device
L6364Q
Motion MEMS
and microphone
MEMS expansion
board for STM32
Nucleo
X-NUCLEO-IKS02A1
Applications
Factory Automation
IO-Link modules
Dual channel IO-Link device expansion board based on L6364Q for STM32
Nucleo
X-NUCLEO-IOD02A1
Data brief
DB3883 - Rev 1 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - X-CUBE-IOD02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-CUBE-IAP-USART STMICROELECTRONICS-X-CUBE-IAP-USART Datasheet
115Kb / 3P
STM32Cube in-application programming using the USART embedded software
05-May-2015
X-CUBE-IPS STMICROELECTRONICS-X-CUBE-IPS Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
X-CUBE-IPS STMICROELECTRONICS-X-CUBE-IPS Datasheet
365Kb / 6P
Industrial digital output expansion board based on IPS1025HF in a QFN48L package
29-Aug-2022
X-CUBE-IPS STMICROELECTRONICS-X-CUBE-IPS Datasheet
1Mb / 8P
Industrial digital output expansion board based on IPS8200HQ-1 for STM32 Nucleo
13-Oct-2023
X-CUBE-IPS STMICROELECTRONICS-X-CUBE-IPS Datasheet
1Mb / 7P
Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
26-May-2023
More results

Similar Description - X-CUBE-IOD02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1857 STMICROELECTRONICS-UM1857 Datasheet
551Kb / 9P
Stepper motor driver expansion board based on L6474 for STM32 Nucleo
30-Mar-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-LED16A1 STMICROELECTRONICS-X-NUCLEO-LED16A1 Datasheet
309Kb / 5P
16 channel LED driver expansion board based on LED1642GW for STM32 Nucleo
December 2016 Rev 1
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com