Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6364Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6364Q
Description  Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364Q Datasheet(HTML) 4 Page - STMicroelectronics

  L6364Q Datasheet HTML 1Page - STMicroelectronics L6364Q Datasheet HTML 2Page - STMicroelectronics L6364Q Datasheet HTML 3Page - STMicroelectronics L6364Q Datasheet HTML 4Page - STMicroelectronics L6364Q Datasheet HTML 5Page - STMicroelectronics L6364Q Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 2. X-NUCLEO-IOD02A1 circuit schematic (2 of 2)
CQ
16
default CLOSE1-2
VIN
SW1
DIO
LOUT
The dc-dc of L6364 supplies
the nucleo by Vin net
(CN6[8])
DOUT
DIO
10nF
VDIG
SW2
SW3
CTLD_PIN
C6
GND_TAB
470pF
VCC
5V
CTLD
MOSI
17
4.7k
V5V
CTLD_PIN
VDCDC
CQ
SCK
2
3V3
LD1
default CLOSE1-2
INT
6
LED1
VIN
CTLD
21
default CLOSE1-2
1
C
C3
3
20
VDCDC
C
SS
7
LED2
V3V3
LOUT
9
DOUT
0.22uF
U1
LED GREEN
R20
default closed
C2
MISO
C7
470pF
C5
RED LED
SCLK
C1
1
1
L6364
220uH
A
3
L1
default ALL open
3
MISO
3V3 and 5V generated on the STM32 Nucleo board from Vin
8
MOSI
SW4
A
4.7uF
10
JP8
VDCDC
LD2
2
C4
2
4.7uF
DOUT
INT
2.2uF
18
SS
19



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com