Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST25R3918
Description  Multi-purpose NFC transceiver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST25R3918_V01 Datasheet HTML 20Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 21Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 22Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 23Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 24Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 25Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 26Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 27Page - STMicroelectronics ST25R3918_V01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 141 page
background image
Application information
ST25R3918
24/141
DS13490 Rev 2
band-pass filtering and digitalization of subcarrier signals. It also performs RSSI
measurement, automatic gain control (AGC) and Squelch function.
The reception chain has two separate channels for AM and PM demodulation. When both
channels are active the selection for reception framing is done automatically by the receiver
logic. The receiver is switched on when Operation control register bit rx_en is set to 1.
The Operation control register contains bits rx_chn and rx_man, which define whether only
one or both demodulation channels are active:
bit rx_man defines the channel selection mode when both channels are active
(automatic or manual)
bit ch_sel defines which channel is used for decoding.
Table 2. RX channel selection
rx_chn
rx_man
ch_sel
Selected reception channel
0
0
x
Automatic selection
0
1
0
AM or I channel
0
1
1
PM or Q channel
1
x
0
AM or I channel
1
x
1
PM or Q channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com