Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R95 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST25R95
Description  Near field communication transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R95 Datasheet(HTML) 5 Page - STMicroelectronics

  ST25R95 Datasheet HTML 1Page - STMicroelectronics ST25R95 Datasheet HTML 2Page - STMicroelectronics ST25R95 Datasheet HTML 3Page - STMicroelectronics ST25R95 Datasheet HTML 4Page - STMicroelectronics ST25R95 Datasheet HTML 5Page - STMicroelectronics ST25R95 Datasheet HTML 6Page - STMicroelectronics ST25R95 Datasheet HTML 7Page - STMicroelectronics ST25R95 Datasheet HTML 8Page - STMicroelectronics ST25R95 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Table 2. ST25R95 pin descriptions
Pin
Pin name
Type (1)
Main function
Alternate function
1
TX1
O
Driver output 1
-
2
TX2
O
Driver output 2
-
3
NC
-
Not connected
-
4
NC
-
Not connected
-
5
RX1
I
Receiver input 1
-
6
RX2
I
Receiver input 2
-
7
NC
-
Not connected
-
8
GND_RX
P
Ground (analog)
-
9
ST_R0
O
ST reserved (2)
-
10
NC
-
Not connected
-
11
NC
-
Not connected
-
12
IRQ_IN
I (3)
Interrupt input
-
13
VPS
P
Main power supply
-
14
IRQ_OUT
O (4)
Interrupt output
-
15
SPI_SS
I (5)
SPI slave select (active low)
-
16
SPI_MISO
O (5)
SPI data, slave output
-
17
SPI_MOSI
I (5)
SPI data, slave input (5)
-
18
SPI_SCK
I (6)
SPI serial clock
-
19
SSI_0
I (5)
Select serial communication interface
-
20
SSI_1
I (5)
Select serial communication interface
-
21
ST_R1
I (7)
ST reserved
-
22
GND
P
Ground (digital)
-
23
NC
-
Not connected
-
24
NC
-
Not connected
-
25
NC
-
Not connected
-
26
NC
-
Not connected
-
27
NC
-
Not connected
-
28
NC
-
Not connected
-
29
XIN
-
Crystal oscillator input
-
30
XOUT
-
Crystal oscillator output
-
31
GND_TX
P
Ground (RF drivers)
-
32
VPS_TX
P
Power supply (RF drivers)
-
1. I: Input, O: Output, and P: Power
2. Must add a capacitor to ground (~1 nF).
3. Pad internally connected to a very weak pull-up to VPS.
4. Pad internally connected to a weak pull-up to VPS.
5. Must not be left floating.
6. Pad internally connected to a weak pull-down to GND.
7. Pad input in High impedance. Must be connected to VPS.
ST25R95
Pin and signal descriptions
DS12807 - Rev 4
page 5/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com