Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STWBC-WA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWBC-WA
Description  2.5 W wireless charger transmitter evaluation kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-WA Datasheet(HTML) 1 Page - STMicroelectronics

  STWBC-WA Datasheet HTML 1Page - STMicroelectronics STWBC-WA Datasheet HTML 2Page - STMicroelectronics STWBC-WA Datasheet HTML 3Page - STMicroelectronics STWBC-WA Datasheet HTML 4Page - STMicroelectronics STWBC-WA Datasheet HTML 5Page - STMicroelectronics STWBC-WA Datasheet HTML 6Page - STMicroelectronics STWBC-WA Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
•
STWBC-WA digital controller
•
2.5 W output power
•
Resistive and capacitive modulation
•
Foreign object detection (FOD)
•
Active presence detector
•
Turn-key and firmware APIs
•
Total reference design (IC, firmware, GUI and dongle)
Description
The STEVAL-ISB045V1 evaluation kit includes the STEVAL-ISB045V1T wireless
battery charger transmitter evaluation board based on the STWBC-WA digital
controller, the firmware and the STEVAL-WBCDNGV1 USB-to-UART dongle needed
to use the STSW-STWBCGUI.
The STEVAL-ISB045V1 firmware offers you the flexibility of modifying LEDs or GPIO
behavior and customizing I²C and UART signals.
The layout is based on cost-effective two-layer PCB.
Tools for the STEVAL-ISB045V1 evaluation kit are available on www.st.com and
allow you to access run time information such as regulation error, frequency or
protocol status.
Summary table
2.5 W wireless
charger
transmitter
evaluation kit
STEVAL-ISB045V1
Digital controller
for wireless
battery charger
transmitters for
wearable and
smart watches
applications
STWBC-WA
Graphical user
interface for
wireless power
transmitter
evaluation
boards based on
the STWBC chip
family
STSW-STWBCGUI
2.5 W wireless charger transmitter evaluation kit
STEVAL-ISB045V1
Data brief
DB3531 - Rev 2 - April 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWBC-WA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
STWBC-EPTR STMICROELECTRONICS-STWBC-EPTR Datasheet
715Kb / 32P
Digital controller for wireless battery chargers transmitters for Qi 15 W applications
10-Oct-2017
STWBC-MC STMICROELECTRONICS-STWBC-MC Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
More results

Similar Description - STWBC-WA

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87100 ZILOG-Z87100 Datasheet
213Kb / 48P
Wireless Transmitter
logo
Power Integrations, Inc...
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
logo
STMicroelectronics
STEVAL-ISB027V1 STMICROELECTRONICS-STEVAL-ISB027V1 Datasheet
355Kb / 6P
Qi A11 wireless charger transmitter evaluation board based on STWBC
02-Mar-2015
STEVAL-ISB044V1 STMICROELECTRONICS-STEVAL-ISB044V1 Datasheet
713Kb / 10P
Qi MP-A10 15 W wireless charger TX evaluation kit based onSTWBC-EP
09-Oct-2017
logo
Linear Technology
LTC4123EDC LINER-LTC4123EDC Datasheet
846Kb / 10P
Low Power Wireless Charger Demonstration Kit
LTC4125EUFD LINER-LTC4125EUFD Datasheet
1Mb / 16P
Wireless Power Transfer Battery Charger Demonstration Kit
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
logo
Linx Technologies
EVAL-FFF-OEM LINX-EVAL-FFF-OEM Datasheet
1Mb / 9P
OEM Transmitter Evaluation Kit
2016
logo
STMicroelectronics
EVALSTWBC-EP STMICROELECTRONICS-EVALSTWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com