Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7490L Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7490L
Description  15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7490L Datasheet HTML 1Page - STMicroelectronics TDA7490L Datasheet HTML 2Page - STMicroelectronics TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7490L
15W + 15W STEREO CLASS-D AMPLIFIER
28W MONO IN BTL
15W + 15W OUTPUT POWER:
RL = 8
Ω/4Ω; THD = 10%
HIGH EFFICIENCY
WIDE SUPPLY VOLTAGE RANGE (FROM
±10 TO ±25V)
SPLIT SUPPLY
TURN OFF/ON POP FREE
ST-BY AND MUTE FEATURES
SHORT CIRCUIT PROTECTION ACROSS
THE LOAD
THERMAL OVERLOAD PROTECTION
EXTERNALLY SINCHRONIZABLE
BRIDGE CONFIGURATION
DESCRIPTION
The TDA7490L is a dual audio class D amplifier
assembled in Flexiwatt 25 package; it is specially
designed for high efficiency application mainly for
TV and Home Stereo sets.
March 2001
®
PWM-stage1
G=2.5
PREAMPLIFIER1
INTEGRATOR1
R21 4.7K
C26 470pF C25 470pF
R20
68K
R17 52.3K
C23
2200
µF
C22
100nF
C21
2200
µF
R4
130K
L1 30
µ
INPUT1
OSC
C19
560pF
C20
33nF
C18 330pF
C17
24pF
C16 330pF
R15
100
-VCC
R14 22K
R12 22K
C10
220nF
OUT1
PWM-stage2
L2 30
µ
OUT2
C29
220nF
R13
10K
C15
560pF
R11
100
-VCC
EXT_CK
G=2.5
PREAMPLIFIER2
C8 470pF
C9 470pF
R6
68K
R5 4.7K
C14
33nF
R9 52.3K
+VCC
-VCC
+VCC
+VCC
-VCC
C28
2200
µF
C12
2200
µF
C11
100nF
C1 330nF
C2
1nF
STBY
MUTE
R2
30K
C27
2.2
µF
R1 10K
C3
100nF
C4
100nF
INPUT2
C5 330nF
C6
1nF
-VCC
-VCC
D98AU978A
79
14
2
4
6
10
12
13
16
1
25
18
19
17
20
24
22
21
23
15
8
11
3
5
INTEGRATOR2
R3
10K
C7 100nF
R1 10K
R 6.8
Figure 1. Test and application circuit. (Stereo Configuration)
Flexiwatt 25
ORDERING NUMBER: TDA7490L
1/9


Similar Part No. - TDA7490L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
More results

Similar Description - TDA7490L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
logo
Microsemi Corporation
LX1708 MICROSEMI-LX1708 Datasheet
961Kb / 18P
1515W Stereo Filterless Class-D Amplifier
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
15W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com