Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS90M Datasheet(PDF) 2 Page - RRC power solutions Ltd.

Part # PS90M
Description  Power Supply AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.

PS90M Datasheet(HTML) 2 Page - RRC power solutions Ltd.

  PS90M Datasheet HTML 1Page - RRC power solutions Ltd. PS90M Datasheet HTML 2Page - RRC power solutions Ltd. PS90M Datasheet HTML 3Page - RRC power solutions Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
PS90M
DS_PS90M_E
Subject to technical changes without notice * Released document – Copy is not subject to revision service!
2 / 3
Specification
Input
Voltage
100.00 to 240.00VAC, 50 to 60 Hz
Current
1.20A max.
Standby power
< 0.21W @ no load
Output
Voltage
24.00VDC ± 5%; Ripple < 240mVpk-pk
Power
90.00W max.
Current
3.75A max.
Protection
Short circuit, over-voltage, over-current, over-temperature
Environmental
Operation:
Storage:
Ambient temperature
0°C to 40°C
-20°C to 80°C
Pressure & Altitude
1060hPa to 540hPa
max. 5000m above sea level
1060hPa to 540hPa
max. 5000m above sea level
Humidity (non-condensing)
20 to 80% RH
10 to 90% RH
Mechanical Details
Housing dimensions (LxWxH)
151.00 x 64.00 x 34.90mm, without cables and connectors
Output cable length
1500.00mm ±30.00mm
Weight
450g
AC input socket
IEC320 C8 Type
Output connector
DC barrel jack, 5.5 x 2.5 x 9.5mm
General
Efficiency
California's Energy Efficiency Level VI
Cooling
convection cooling
Green procurement
RoHS 2011/65/EU + 2015/863/EU
REACH 1907/2006
WEEE 2012/19/EU
MTBF
300,000h at 25°C ambient
Safety & EMC
Regulatory approvals
Europe
USA & Canada
ANSI/AAMI/IEC/EN ES60601-1:2012
(60601 edition 3.1)
Means of Protection: 2x MOPP
UL recognized
EMC
Europe, USA, United Kingdom
IEC 60601-1-2:2014 (edition 4.0)
CE, FCC, UKCA
The EMC assessment shall be
conducted for the end system
configuration.
Energy efficiency
CEC, DoE Level VI
Recommended Accessories
Type
Product
P/N
Application
2-pol AC-Cable
EU-Version
US-Version
201496
201497
Country specific power cables



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com