Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF1P2101DA4/02 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MF1P2101DA4/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2101DA4/02 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MF1P2101DA4/02 Datasheet HTML 4Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 5Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 6Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 7Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 8Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 9Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 10Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 11Page - NXP Semiconductors MF1P2101DA4/02 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
8 / 33
8.2 Virtual Card Architecture
One of the trends expected is that mobile phones and other personal devices are used
for making contactless transactions, in addition to the usage of traditional contactless
cards (PICCs).
In the case of mobile phones used for contactless operation, there needs to be multi-
application functionality of unrelated service providers and unrelated "Card Issuers" and
a single mobile phone should work with multiple infrastructures. However, this multi-
application functionality is to be such that it is transparent to the various installations and
that the mobile phone can be accessed like a normal contactless card.
With the implemented Virtual Cards (VCs) concept, a Proximity Device (PD), e.g. the
Secure Element in a mobile phone, can hold multiple VCs. With having multiple VCs in a
single device there are several requirements:
1. It must be determined how the appropriate VC to use gets selected, in other words
how a specific VC is to be presented at a given moment.
2. Privacy considerations need to be maintained. When a device can be freely
interrogated about its UID, VC specific information (like implementation, file layout, ...)
or even only to what installations the supported VCs belong, this data or the
combination of a subset of it would make it possible to track a person from location to
location. Furthermore, the combination of VCs could reveal a category of persons.
3. Performance and ease of use. The selection of the appropriate VC must be done fast,
in order to increase transaction times only minimally.
4. Compliancy and portability to existing Card OSes supporting application selection
methods on secure chip technologies, as defined by Java Card and GlobalPlatform.
The Virtual Card Architecture as implemented on the MF1P(H)x1y1 has the following
benefits:
• Fast VC selection is possible by issuing a single ISOSelect command as defined by
ISO/IEC 7816-4
• If Random ID is used, the UID can be retrieved in a very fast and secure way from the
VC using ISOSelect and ISOExternalAuthenticate
• Detect whether a VC belongs to certain installation and do so fast and privacy friendly
• Proximity Check may also be enforced via a configuration, giving additionally protection
against relay attacks
• Exchange capabilities, e.g. a key-set version indication together with the fast retrieval
of the UID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com