Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF1P2101DA6/02 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MF1P2101DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2101DA6/02 Datasheet(HTML) 4 Page - NXP Semiconductors

  MF1P2101DA6/02 Datasheet HTML 1Page - NXP Semiconductors MF1P2101DA6/02 Datasheet HTML 2Page - NXP Semiconductors MF1P2101DA6/02 Datasheet HTML 3Page - NXP Semiconductors MF1P2101DA6/02 Datasheet HTML 4Page - NXP Semiconductors MF1P2101DA6/02 Datasheet HTML 5Page - NXP Semiconductors MF1P2101DA6/02 Datasheet HTML 6Page - NXP Semiconductors MF1P2101DA6/02 Datasheet HTML 7Page - NXP Semiconductors MF1P2101DA6/02 Datasheet HTML 8Page - NXP Semiconductors MF1P2101DA6/02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
4 / 33
5 Ordering information
Table 2. Ordering information
Package
Configuration
Type number
Name Description
Version
EEPROM Cap.
UID
MF1P2101DA4/02
MOA4 Plastic leadless module carrier package[1]
SOT500-2 2k byte
17 pF 7-byte
MF1P2131DA4/02
MOA4 Plastic leadless module carrier package[1]
SOT500-2 2k byte
17 pF 4-byte NUID
MF1P4101DA4/02
MOA4 Plastic leadless module carrier package[1]
SOT500-2 4k byte
17 pF 7-byte
MF1P4131DA4/02
MOA4 Plastic leadless module carrier package[1]
SOT500-2 4k byte
17 pF 4-byte NUID
MF1P2101DA6/02
MOB6 Plastic leadless module carrier package[1]
SOT500-3 2k byte
17 pF 7-byte
MF1P2131DA6/02
MOB6 Plastic leadless module carrier package[1]
SOT500-3 2k byte
17 pF 4-byte NUID
MF1P4101DA6/02
MOB6 Plastic leadless module carrier package[1]
SOT500-3 4k byte
17 pF 7-byte
MF1P4131DA6/02
MOB6 Plastic leadless module carrier package[1]
SOT500-3 4k byte
17 pF 4-byte NUID
MF1P2101DUD/02
FFC
8-inch wafer (Sawn, 120 µm thickness)[2]
-
2k byte
17 pF 7-byte
MF1P2131DUD/02
FFC
8-inch wafer (Sawn, 120 µm thickness)[2]
-
2k byte
17 pF 4-byte NUID
MF1P4101DUD/02
FFC
8-inch wafer (Sawn, 120 µm thickness)[2]
-
4k byte
17 pF 7-byte
MF1P4131DUD/02
FFC
8-inch wafer (Sawn, 120 µm thickness)[2]
-
4k byte
17 pF 4-byte NUID
MF1P2101DUF/02
FFC
8-inch wafer (Sawn, 75 µm thickness)[2]
-
2k byte
17 pF 7-byte
MF1P2131DUF/02
FFC
8-inch wafer (Sawn, 75 µm thickness)[2]
-
2k byte
17 pF 4-byte NUID
MF1P4101DUF/02
FFC
8-inch wafer (Sawn, 75 µm thickness)[2]
-
4k byte
17 pF 7-byte
MF1P4131DUF/02
FFC
8-inch wafer (Sawn, 75 µm thickness)[2]
-
4k byte
17 pF 4-byte NUID
MF1PH2101DA4/02 MOA4 Plastic leadless module carrier package[1]
SOT500-2 2k byte
70 pF 7-byte
MF1PH2131DA4/02 MOA4 Plastic leadless module carrier package[1]
SOT500-2 2k byte
70 pF 4-byte NUID
MF1PH4101DA4/02 MOA4 Plastic leadless module carrier package[1]
SOT500-2 4k byte
70 pF 7-byte
MF1PH4131DA4/02 MOA4 Plastic leadless module carrier package[1]
SOT500-2 4k byte
70 pF 4-byte NUID
MF1PH2101DA6/02 MOB6 Plastic leadless module carrier package[1]
SOT500-3 2k byte
70 pF 7-byte
MF1PH2131DA6/02 MOB6 Plastic leadless module carrier package[1]
SOT500-3 2k byte
70 pF 4-byte NUID
MF1PH4101DA6/02 MOB6 Plastic leadless module carrier package[1]
SOT500-3 4k byte
70 pF 7-byte
MF1PH4131DA6/02 MOB6 Plastic leadless module carrier package[1]
SOT500-2 4k byte
70 pF 4-byte NUID
MF1PH2101DUD/02 FFC
8-inch wafer (Sawn, 120 µm thickness)[2]
-
2k byte
70 pF 7-byte
MF1PH2131DUD/02 FFC
8-inch wafer (Sawn, 120 µm thickness)[2]
-
2k byte
70 pF 4-byte NUID
MF1PH4101DUD/02 FFC
8-inch wafer (Sawn, 120 µm thickness)[2]
-
4k byte
70 pF 7-byte
MF1PH4131DUD/02 FFC
8-inch wafer (Sawn, 120 µm thickness)[2]
-
4k byte
70 pF 4-byte NUID
MF1PH2101DUF/02 FFC
8-inch wafer (Sawn, 75 µm thickness)[2]
-
2k byte
70 pF 7-byte
MF1PH2131DUF/02 FFC
8-inch wafer (Sawn, 75 µm thickness)[2]
-
2k byte
70 pF 4-byte NUID
MF1PH4101DUF/02 FFC
8-inch wafer (Sawn, 75 µm thickness)[2]
-
4k byte
70 pF 7-byte
MF1PH4131DUF/02 FFC
8-inch wafer (Sawn, 75 µm thickness)[2]
-
4k byte
70 pF 4-byte NUID
[1]
Plastic lead-less module carrier package; 35 mm wide tape
[2]
8-inch wafer (Sawn; on film frame carrier; electronic fail die marking according to SECS-II format), see Ref. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com