Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF1P2131DA6/02 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MF1P2131DA6/02
Description  MIFARE Plus EV1
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1P2131DA6/02 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MF1P2131DA6/02 Datasheet HTML 21Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 22Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 23Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 24Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 25Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 26Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 27Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 28Page - NXP Semiconductors MF1P2131DA6/02 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
NXP Semiconductors
MF1P(H)x1y1
MIFARE Plus EV1
MF1P(H)x1y1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 6 December 2018
COMPANY PUBLIC
366932
25 / 33
10 Limiting values
Stresses above one or more of the limiting values may cause permanent damage to the
device. Exposure to limiting values for extended periods may affect device reliability.
Table 9. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Min
Max
Unit
II
input current
-
50
mA
Ptot/pack
total power dissipation per package
-
200
mW
Tstg
storage temperature
-55
125
°C
Tamb
ambient temperature
-25
70
°C
VESD
electrostatic discharge voltage on LA/LB [1]
-
2
kV
[1]
ANSI/ESDA/JEDEC JS-001; Human body model
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe
precautions for handling electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5,
JESD625-A or equivalent standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com