Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4682 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4682
Description  10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4682 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4682 Datasheet HTML 1Page - National Semiconductor (TI) LM4682 Datasheet HTML 2Page - National Semiconductor (TI) LM4682 Datasheet HTML 3Page - National Semiconductor (TI) LM4682 Datasheet HTML 4Page - National Semiconductor (TI) LM4682 Datasheet HTML 5Page - National Semiconductor (TI) LM4682 Datasheet HTML 6Page - National Semiconductor (TI) LM4682 Datasheet HTML 7Page - National Semiconductor (TI) LM4682 Datasheet HTML 8Page - National Semiconductor (TI) LM4682 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4682
10 Watt Stereo CLASS D Audio Power Amplifier with
Stereo Headphone Amplifier and DC Volume Control
General Description
The LM4682 is a fully integrated single supply, high effi-
ciency audio power amplifier solution. The LM4682 utilizes a
proprietary balanced pulse-width modulation technique that
lowers output noise and THD and improves PSRR when
compared to conventional pulse width modulators.
The LM4682 also features a stereo headphone amplifier that
delivers 60mW into a 32
Ω headset with less than 0.5% THD.
The LM4682’s DC volume control has a +30dB to –48dB
range when speakers are driven and a range of +13dB to
–65dB when headphones are connected. All amplifiers are
protected by thermal shutdown. Additionally, all amplifiers
incorporate output current limiting function to protect their
outputs from short circuit.
The LM4682 features a low-power consumption shutdown
mode. And its efficiency reaches 85% for a 10W output
power with an 8
Ω load. External heatsink is not required
when playing music. The IC features click and pop reduction
circuitry that minimizes audible popping during device
turn-on and turn-off. The LM4682 is available in a 48-lead
LLP package, ideal for portable and desktop computer ap-
plications.
Key Specifications
n
P
O at THD+N = 10%, VDD = 14V
10W (typ)
n
THD+N at 1kHz at 6W into 8
Ω (Power Amp) 0.2% (typ)
n
Efficiency at 7W into 8
Ω
84% (typ)
n
Total quiescent power supply current
52mA (typ)
n
Total shutdown power supply current
0.1mA (typ)
n
THD+N 1kHz, 20mW, 32
Ω (Headphone)
0.02% (typ)
n
Single supply range
8.5V to 15V
Features
n
Pulse-width modulator.
n
DC Volume Control
n
Stereo headphone amplifier.
n
“Click and pop” suppression circuitry.
n
Micropower shutdown mode.
n
48 lead LLP package (No heatsink required).
Applications
n
Flat Panel Displays
n
Televisions
n
Multimedia Monitors
Boomer® is a registered trademark of National Semiconductor Corporation.
March 2006
© 2006 National Semiconductor Corporation
DS201196
www.national.com


Similar Part No. - LM4682

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4680 NSC-LM4680 Datasheet
754Kb / 11P
10W High-Efficiency Mono BTL Audio Power Amplifier
LM4680SD NSC-LM4680SD Datasheet
754Kb / 11P
10W High-Efficiency Mono BTL Audio Power Amplifier
LM4681 NSC-LM4681 Datasheet
960Kb / 19P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
LM4681SQ NSC-LM4681SQ Datasheet
960Kb / 19P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
More results

Similar Description - LM4682

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4681 NSC-LM4681 Datasheet
960Kb / 19P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
6W Stereo Class-D Audio Power Amplifier with DC Volume Control
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com