Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FI-PFH-NS0137-R Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # FI-PFH-NS0137-R
Description  HART Termination Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FI-PFH-NS0137-R Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  FI-PFH-NS0137-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. FI-PFH-NS0137-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. FI-PFH-NS0137-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. FI-PFH-NS0137-R Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Factory setting
DIP switches S1 and S2: ON
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1:2013 (industrial locations)
Conformity
Electromagnetic compatibility
NE 21:2012
For further information see system description.
Degree of protection
IEC 60529:2001
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Ambient conditions
Ambient temperature
0 ... 50 °C (32 ... 122 °F)
Storage temperature
-15 ... 50 °C (5 ... 122 °F)
Relative humidity
≤ 93 % non-condensing
Shock resistance
15 g , 11 ms
Vibration resistance
1 g , 10 ... 150 Hz
Mechanical specifications
Degree of protection
IP20
Connection
Field side
screw terminals , green
Control side
screw terminals , green
HART : 1 x IDC plug, 26-pin
Core cross section
0.25 ... 1.5 mm2 (24 ... 16 AWG)
Material
Housing
PVC
Mass
approx. 210 g
Dimensions
110 x 125 x 61 mm (4.3 x 4.9 x 2.4 inch) (W x H x D)
Mounting
on 35 mm DIN mounting rail acc. to EN 60715:2001
Data for application in connection with hazardous areas
Certificate
PF 11 CERT 1930 X
Marking
1
II 3G Ex nA IIC T4 Gc
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-15:2010
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Matching System Components
KFD2-HMM-16
HART Multiplexer Master
KFD0-HMS-16
HART Multiplexer Slave
KFD2-HMM-16
HART Multiplexer Master
Accessories
K-HM26
HART connection cable for master/slave - termination board connection
HART Termination Board
FI-PFH-NS0137-R
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com