Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQ10-D Datasheet(PDF) 1 Page - CUI INC

Part # PDQ10-D
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ10-D Datasheet(HTML) 1 Page - CUI INC

  PDQ10-D Datasheet HTML 1Page - CUI INC PDQ10-D Datasheet HTML 2Page - CUI INC PDQ10-D Datasheet HTML 3Page - CUI INC PDQ10-D Datasheet HTML 4Page - CUI INC PDQ10-D Datasheet HTML 5Page - CUI INC PDQ10-D Datasheet HTML 6Page - CUI INC PDQ10-D Datasheet HTML 7Page - CUI INC PDQ10-D Datasheet HTML 8Page - CUI INC PDQ10-D Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date 07/26/2021
page 1 of 9
SERIES: PDQ10-D
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 10 W isolated output
• industry standard 1” x 1” package
• 4:1 input range
• single/dual regulated output
• over voltage, input under voltage lockout, and short circuit protections
• 1,500 Vdc isolation voltage
• five-sided shielded case
• remote on/off control
• output trim
• -40 to 105°C temperature range
• efficiency up to 86%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PDQ10-Q24-S3-D
24
9~36
3.3
0
2500
8.25
75
81
PDQ10-Q24-S5-D
24
9~36
5
0
2000
10
75
84
PDQ10-Q24-S12-D
24
9~36
12
0
835
10
100
86
PDQ10-Q24-S15-D
24
9~36
15
0
666
10
100
86
PDQ10-Q24-D5-D
24
9~36
±5
0
±1000
10
75
84
PDQ10-Q24-D12-D
24
9~36
±12
0
±416
10
100
86
PDQ10-Q24-D15-D
24
9~36
±15
0
±333
10
100
86
PDQ10-Q48-S3-D
48
18~75
3.3
0
2500
8.25
75
82
PDQ10-Q48-S5-D
48
18~75
5
0
2000
10
75
84
PDQ10-Q48-S12-D
48
18~75
12
0
835
10
100
86
PDQ10-Q48-S15-D
48
18~75
15
0
666
10
100
86
PDQ10-Q48-D5-D
48
18~75
±5
0
±1000
10
75
84
PDQ10-Q48-D12-D
48
18~75
±12
0
±416
10
100
86
PDQ10-Q48-D15-D
48
18~75
±15
0
±333
10
100
86
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, with 10 µF tantalum and 1 µF ceramic capacitors on the output.
2. All specifications are measured at Ta=25°C, nominal input voltage, and rated output load unless otherwise specified.
PART NUMBER KEY
Base Number
Packaging Style:
D = DIP
PDQ10 - QXX - X XX - D
Output
S = single
D = dual
Input Voltage
Output Voltage
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PDQ10-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDQ10-D CUI-PDQ10-D Datasheet
723Kb / 9P
DC-DC CONVERTER
More results

Similar Description - PDQ10-D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com