Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQ30-D Datasheet(PDF) 10 Page - CUI INC

Part # PDQ30-D
Description  DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ30-D Datasheet(HTML) 10 Page - CUI INC

Back Button PDQ30-D Datasheet HTML 2Page - CUI INC PDQ30-D Datasheet HTML 3Page - CUI INC PDQ30-D Datasheet HTML 4Page - CUI INC PDQ30-D Datasheet HTML 5Page - CUI INC PDQ30-D Datasheet HTML 6Page - CUI INC PDQ30-D Datasheet HTML 7Page - CUI INC PDQ30-D Datasheet HTML 8Page - CUI INC PDQ30-D Datasheet HTML 9Page - CUI INC PDQ30-D Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
date 03/14/2022
│ page 10 of 10
CUI Inc
│ SERIES: PDQ30-D │ DESCRIPTION: DC-DC CONVERTER
CUI offers a two (2) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
07/12/2016
1.01
added 5 Vdc output efficiency curves
09/04/2018
1.02
safeties updated
05/25/2021
1.03
derating curve and circuit figures updated
03/14/2022
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com