Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESE2-M Datasheet(PDF) 2 Page - CUI INC

Part # PESE2-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PESE2-M Datasheet(HTML) 2 Page - CUI INC

  PESE2-M Datasheet HTML 1Page - CUI INC PESE2-M Datasheet HTML 2Page - CUI INC PESE2-M Datasheet HTML 3Page - CUI INC PESE2-M Datasheet HTML 4Page - CUI INC PESE2-M Datasheet HTML 5Page - CUI INC PESE2-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 01/05/2022
│ page 2 of 6
CUI Inc
│ SERIES: PESE2-M │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
12 Vdc input models
15 Vdc input models
24 Vdc input models
10.8
13.5
21.6
12
15
24
13.2
16.5
26.4
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
12 Vdc input models
15 Vdc input models
24 Vdc input models
-0.7
-0.7
-0.7
18
21
30
Vdc
Vdc
Vdc
current
12 Vdc input models
15 Vdc input models
24 Vdc input models
196
161
98
mA
mA
mA
filter
filter capacitor
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load4
5 Vdc output models
9 Vdc output models
12, 15 Vdc output models
24 Vdc output models
2,400
1,000
560
220
μF
μF
μF
μF
voltage accuracy
see output regulation curves
line regulation
for Vin change of ±1%
±1.2
%
load regulation
from 10% to full load
5 Vdc output models
all other models
±15
±10
%
%
switching frequency
100% load, nominal input voltage
260
kHz
temperature coefficient
at full load
±0.02
%/°C
Note:
4. Tested at input voltage range and full load.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, auto recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA
3,000
Vdc
isolation resistance
input to output at 500 Vdc
1,000
MΩ
isolation capacitance
input to output, 100 kHz / 0.1 V
20
pF
safety approvals
certified to 62368: EN, IEC
conducted emissions
CISPR 32/EN 55032 Class B
radiated emissions
CISPR 32/EN 55032 Class B
ESD
IEC/EN 61000-4-2 Air ±8kV, Contact ±6kV
MTBF
as per MIL-HDBK-217F, 25°C
3,500,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
case temperature rise
at 25°C
25
°C
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com