Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDM2-D Datasheet(PDF) 3 Page - CUI INC

Part # PDM2-D
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDM2-D Datasheet(HTML) 3 Page - CUI INC

  PDM2-D Datasheet HTML 1Page - CUI INC PDM2-D Datasheet HTML 2Page - CUI INC PDM2-D Datasheet HTML 3Page - CUI INC PDM2-D Datasheet HTML 4Page - CUI INC PDM2-D Datasheet HTML 5Page - CUI INC PDM2-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PDM2-D │ DESCRIPTION: DC-DC CONVERTER
date 07/12/2021
│ page 3 of 6
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
Ta=25°C, 100% load
25
°C
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
wave soldering
see wave soldering profile
260
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
20.32 x 10.16 x 8.2 (0.800 x 0.400 x 0.323 inch)
mm
case material
epoxy resin (UL94-V0)
weight
2.8
g
MECHANICAL DRAWING
Front View
Bottom View
PCB Layout
Top View
PIN CONNECTIONS
PIN
Single Output
Dual Output
1
GND
GND
7
NC
NC
8
0V
0V
9
+Vo
+Vo
11
NO PIN
-Vo
14
Vin
Vin
units: mm[inch]
tolerance: ±0.25[±0.010]
pin section tolerance: ±0.10[±0.004]
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com