Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX5478EVCMODU Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5478EVCMODU
Description  Power-On Recall of Wiper Position from Nonvolatile Memory
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5478EVCMODU Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5478EVCMODU Datasheet HTML 1Page - Maxim Integrated Products MAX5478EVCMODU Datasheet HTML 2Page - Maxim Integrated Products MAX5478EVCMODU Datasheet HTML 3Page - Maxim Integrated Products MAX5478EVCMODU Datasheet HTML 4Page - Maxim Integrated Products MAX5478EVCMODU Datasheet HTML 5Page - Maxim Integrated Products MAX5478EVCMODU Datasheet HTML 6Page - Maxim Integrated Products MAX5478EVCMODU Datasheet HTML 7Page - Maxim Integrated Products MAX5478EVCMODU Datasheet HTML 8Page - Maxim Integrated Products MAX5478EVCMODU Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Quick Start
Recommended Equipment
• Windows 98/2000/XP computer and a USB port
• USB cable (to connect the computer’s USB port to
the CMODUSB command module)
• 5V/100mA DC power supply
• Two ohmmeters
Procedure
The MAX5478 EV kit is fully assembled and tested.
Follow the steps below to verify board operation. Do
not turn on the power supply until all connections
are completed:
1) Carefully connect the boards by aligning the 20-pin
connector (J1) of the MAX5478 EV kit with the P3
20-pin header on the CMODUSB command mod-
ule. Gently press them together.
2) Slide both CMODUSB command-module SW1 dip
switches to the ON position (pullup resistors for I2C
bus). Ensure that jumper J1 is installed in position
1-2, setting the command module for 5V operation.
3) Verify that shunts are installed across pins 1-2 of
jumpers JU1, JU2, and JU3 (device address =
0x5E) on the MAX5478 EV kit.
4) Verify that a shunt is installed across pins 2-3 of
jumper JU4 (write-protect disable) on the MAX5478
EV kit board.
5) Verify that shunts are not installed on jumpers JU6
and JU7 on the MAX5478 EV kit.
6) Use the INSTALL.EXE program on the CD-ROM
provided to copy the files and create icons in the
Windows 98/2000/XP Start menu.
7) Connect the 5V DC power supply to the VDD and
GND pads on the MAX5478 EV kit board.
8) Connect one ohmmeter across the LA and LW pads.
9) Connect the second ohmmeter across the LB and
WB pads.
10) Turn on the power supply.
11) Connect a USB cable from the computer’s USB port
to the CMODUSB command module. Note: Do not
connect a power source to the P1 connector on the
command module. The command module is pow-
ered through the USB port.
12) Start the MAX5478 program by opening its icon in
the Start menu.
13) Observe as the program automatically detects the
address of the MAX5478 and starts the main program.
14) The MAX5478 EV kit is ready for additional testing.
Detailed Description
of Hardware
The MAX5478 EV kit is an assembled and tested PC
board that evaluates the MAX5478 linear-taper dual digi-
tal potentiometer. Each potentiometer, A and B, has an
end-to-end resistance of 50kΩ and each wiper can be
programmed independently among 256 tap positions.
The MAX5478 features an internal nonvolatile memory
(EEPROM) used to store the wiper position for initializa-
MAX5478 Evaluation Kit/Evaluation System
2
_______________________________________________________________________________________
DESIGNATION
QTY
DESCRIPTION
C1
1
0.1µF ±10%, 16V X7R ceramic
capacitor (0603)
TDK C1608X7R1C104K
C2
0
Not installed, ceramic capacitor (0603)
J1
1
2 x 10 right-angle female receptacle
JU1–JU4
4
3-pin headers
JU5
0
Not installed, 2-pin header
JU6, JU7
2
2-pin headers
DESIGNATION
QTY
DESCRIPTION
R1, R2
0
Not installed, resistors (0805)
U1
1
MAX5478EUD
(14-pin TSSOP)
—6
Shunts (JU1–JU4, JU6, JU7)
—1
MAX5478 EV kit PC board
—1
Software disk (CD-ROM),
MAX5478 EV kit
MAX5478EVKIT Component List
SUPPLIER
PHONE
FAX
WEBSITE
TDK
847-803-6100
847-390-4405
www.component.tdk.com
Component Supplier
Note: Indicate that you are using the MAX5478 when contacting this component supplier.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com