Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCSA1-S Datasheet(PDF) 6 Page - CUI INC

Part # PCSA1-S
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCSA1-S Datasheet(HTML) 6 Page - CUI INC

  PCSA1-S Datasheet HTML 1Page - CUI INC PCSA1-S Datasheet HTML 2Page - CUI INC PCSA1-S Datasheet HTML 3Page - CUI INC PCSA1-S Datasheet HTML 4Page - CUI INC PCSA1-S Datasheet HTML 5Page - CUI INC PCSA1-S Datasheet HTML 6Page - CUI INC PCSA1-S Datasheet HTML 7Page - CUI INC PCSA1-S Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
cui.com
date 06/29/2021
│ page 6 of 8
CUI Inc
│ SERIES: PCSA1-S │ DESCRIPTION: DC-DC CONVERTER
TEST CONFIGURATIONS
Input Ripple Current & Output Noise
Figure 1 Measuring Input Ripple Current
Table 1
Input
Voltage
(Vdc)
L1
C1
C2
5
12 µH
2.2 µF tantalum
capacitor
NC
12
12 µH
2.2 µF tantalum
capacitor
NC
24
12 µH
4.7 µF ceramic
capacitor
NC
Figure 2 Measuring Output Ripple And Noise
1.50
1.50
0.3
9±
0.60
6.70
PACKAGING
units: mm
Tube size: 17.2 x 9 x 340 mm
QTY: 26 pcs
5, 12 Vdc input models
24 Vdc input models
units: mm
Tube size: 20 x 11 x 340 mm
QTY: 26 pcs
Table 2
Input
Voltage
(Vdc)
Cin
5
2.2 µF ceramic capacitor
12
2.2 µF ceramic capacitor
24
4.7 µF ceramic capacitor
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com