Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQ2-S Datasheet(PDF) 1 Page - CUI INC

Part # PDQ2-S
Description  DC-DC CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ2-S Datasheet(HTML) 1 Page - CUI INC

  PDQ2-S Datasheet HTML 1Page - CUI INC PDQ2-S Datasheet HTML 2Page - CUI INC PDQ2-S Datasheet HTML 3Page - CUI INC PDQ2-S Datasheet HTML 4Page - CUI INC PDQ2-S Datasheet HTML 5Page - CUI INC PDQ2-S Datasheet HTML 6Page - CUI INC PDQ2-S Datasheet HTML 7Page - CUI INC PDQ2-S Datasheet HTML 8Page - CUI INC PDQ2-S Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
cui.com
date 07/12/2021
page 1 of 10
SERIES: PDQ2-S
│ DESCRIPTION: DC-DC CONVERTER
FEATURES
• up to 2 W isolated output
• industry standard SIP-8 package
• nominal input voltages: 5, 12, 24, 48 Vdc
• 2:1 input range
• single/dual regulated output
• 1,500 Vdc isolation voltage
• remote on/off control
• -40 to 100°C
• efficiency up to 84%
• EN 62368
• meets UL 62368
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
& noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PDQ2-D5-S3-S
5
4.5~9
3.3
0
500
1.65
75
73
PDQ2-D5-S5-S
5
4.5~9
5
0
400
2
75
76
PDQ2-D5-S12-S
5
4.5~9
12
0
167
2
75
80
PDQ2-D5-S15-S
5
4.5~9
15
0
134
2
75
80
PDQ2-D5-D5-S
5
4.5~9
±5
0
±200
2
75
77
PDQ2-D5-D12-S
5
4.5~9
±12
0
±83
2
75
79
PDQ2-D5-D15-S
5
4.5~9
±15
0
±67
2
75
80
PDQ2-D12-S3-S
12
9~18
3.3
0
500
1.65
75
76
PDQ2-D12-S5-S
12
9~18
5
0
400
2
75
79
PDQ2-D12-S12-S
12
9~18
12
0
167
2
75
82
PDQ2-D12-S15-S
12
9~18
15
0
134
2
75
83
PDQ2-D12-D5-S
12
9~18
±5
0
±200
2
75
79
PDQ2-D12-D12-S
12
9~18
±12
0
±83
2
75
82
PDQ2-D12-D15-S
12
9~18
±15
0
±67
2
75
83
PDQ2-D24-S3-S
24
18~36
3.3
0
500
1.65
75
76
PDQ2-D24-S5-S
24
18~36
5
0
400
2
75
79
PDQ2-D24-S12-S
24
18~36
12
0
167
2
75
82
PDQ2-D24-S15-S
24
18~36
15
0
134
2
75
83
PDQ2-D24-D5-S
24
18~36
±5
0
±200
2
75
79
PDQ2-D24-D12-S
24
18~36
±12
0
±83
2
75
81
PDQ2-D24-D15-S
24
18~36
±15
0
±67
2
75
84
PDQ2-D48-S3-S
48
36~75
3.3
0
500
1.65
75
74
PDQ2-D48-S5-S
48
36~75
5
0
400
2
75
79
PDQ2-D48-S12-S
48
36~75
12
0
167
2
75
82
PDQ2-D48-S15-S
48
36~75
15
0
134
2
75
84
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope.
2. All specifications are measured at Ta=25°C, nominal input voltage, and rated output load unless otherwise specified.
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PDQ2-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDQ2-S CUI-PDQ2-S Datasheet
1Mb / 10P
DC-DC CONVERTER
More results

Similar Description - PDQ2-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com