Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDS2-M Datasheet(PDF) 6 Page - CUI INC

Part # PDS2-M
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDS2-M Datasheet(HTML) 6 Page - CUI INC

  PDS2-M Datasheet HTML 1Page - CUI INC PDS2-M Datasheet HTML 2Page - CUI INC PDS2-M Datasheet HTML 3Page - CUI INC PDS2-M Datasheet HTML 4Page - CUI INC PDS2-M Datasheet HTML 5Page - CUI INC PDS2-M Datasheet HTML 6Page - CUI INC PDS2-M Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PDS2-M │ DESCRIPTION: DC-DC CONVERTER
date 07/12/2021
│ page 6 of 7
1. Output load requirement
Toensurethismodulecanoperateefficientlyandreliably,theminimumoutputloadmaynotbelessthan10%ofthefullloadduring
operation. If the actual output power is low, connect a resistor at the output end in parallel to increase the load.
2. Overload Protection
Under normal operating conditions, the output circuit of this product has no protection against overload. The simplest method to add
this is to add a circuit breaker to the circuit.
3. Recommended circuit
If you want to further decrease the input/output ripple, you can increase the capacitance accordingly or choose capacitors with low
ESR(seeFigure2&Table2).However,thecapacitanceoftheoutputfiltercapacitormustbeappropriate.Ifthecapacitanceistoo
high,astartupproblemmightarise.Foreverychanneloftheoutput,toensuresafeandreliableoperation,themaximumcapacitance
must be less than the maximum capacitive load (see Table 3).
APPLICATION NOTES
Note:
1.Operationunderminimumloadwillnotdamagetheconverter;however,theymaynotmeetallspecificationslisted.
2. Max. capacitive load tested at input voltage range and full load.
3.Allspecificationsmeasuredat:Ta=25°C,humidity<75%,nominalinputvoltageandratedoutputload,unlessotherwisespecified.
Vout
(Vdc)
Max. Capacitive Load
(μF)
3.3
220
5
220
9
220
12
220
15
220
24
220
Figure 2
Table 2
Vin
(Vdc)
Cin
(µF)
Vo
(Vdc)
Cout
(µF)
5
4.7
3.3
10
12
2.2
5
10
15
2.2
9
4.7
24
1
12
2.2
--
--
15
1
--
--
24
0.47
Table 3
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com