Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQM3-M Datasheet(PDF) 2 Page - CUI INC

Part # PQM3-M
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQM3-M Datasheet(HTML) 2 Page - CUI INC

  PQM3-M Datasheet HTML 1Page - CUI INC PQM3-M Datasheet HTML 2Page - CUI INC PQM3-M Datasheet HTML 3Page - CUI INC PQM3-M Datasheet HTML 4Page - CUI INC PQM3-M Datasheet HTML 5Page - CUI INC PQM3-M Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PQM3-M │ DESCRIPTION: DC-DC CONVERTER
date 01/10/2022
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
12 V input models
24 V input models
48 V input models
9
18
36
12
24
48
18
36
75
Vdc
Vdc
Vdc
start-up voltage
12 V input models
24 V input models
48 V input models
4.5
11
24
8
16
33
9
18
36
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
12 V input models
24 V input models
48 V input models
-0.7
-0.7
-0.7
25
50
100
Vdc
Vdc
Vdc
filter
pi filter
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
full load, input voltage from low to high
±0.2
±0.4
%
load regulation
5% to 100% load
±0.2
±0.75
%
voltage accuracy
5% to 100% load
±1
±3
%
no-load output voltage accuracy 5V models
all other models
±1.5
±1.5
±5
±3
%
%
switching frequency
100% load, nominal input voltage (PFM mode)
350
KHz
transient recovery time
25% load step change
0.5
1
ms
transient response deviation
25% load step change
±2
±5
%
temperature coeffecient
100% load
±0.02
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
conducted emissions
CISPR22/EN55022, class B (external circuit required, see Figure 1-b)
radiated emissions
CISPR22/EN55022, class B (external circuit required, see Figure 1-b)
ESD
IEC/EN61000-4-2, class B, contact ± 4kV
radiated immunity
IEC/EN61000-4-3, class A, 10V/m
EFT/burst
IEC/EN61000-4-4, class B, ± 2kV (external circuit required, see Figure 1-a)
surge
IEC/EN61000-4-5, class B, ± 2kV (external circuit required, see Figure 1-a)
conducted immunity
IEC/EN61000-4-6, class A, 3 Vr.m.s
voltage dips & interruptions
IEC/EN61000-4-29, class B, 0%-70%
MTBF
as per MIL-HDBK-217F @ 25°C
1,000,000
hours
RoHS
2011/65/EU
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com