Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDQE10-D Datasheet(PDF) 2 Page - CUI INC

Part # PDQE10-D
Description  DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQE10-D Datasheet(HTML) 2 Page - CUI INC

  PDQE10-D Datasheet HTML 1Page - CUI INC PDQE10-D Datasheet HTML 2Page - CUI INC PDQE10-D Datasheet HTML 3Page - CUI INC PDQE10-D Datasheet HTML 4Page - CUI INC PDQE10-D Datasheet HTML 5Page - CUI INC PDQE10-D Datasheet HTML 6Page - CUI INC PDQE10-D Datasheet HTML 7Page - CUI INC PDQE10-D Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 07/27/2021
│ page 2 of 8
CUI Inc
│ SERIES: PDQE10 │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage5
24 Vdc input models
48 Vdc input models
9
18
24
48
36
75
Vdc
Vdc
start-up voltage5
24 Vdc input models
48 Vdc input models
9
18
Vdc
Vdc
surge voltage
for maximum of 1 second
24 Vdc input models
48 Vdc input models
-0.7
-0.7
50
100
Vdc
Vdc
under voltage shutdown
24 Vdc input models
48 Vdc input models
5.5
12
6.5
15.5
Vdc
Vdc
current
24 Vdc input models
3.3 Vdc output models
all other models
429
515
mA
mA
48 Vdc input models
3.3 Vdc output models
all other models
215
258
mA
mA
remote on/off (CTRL)6
turn on (3.5~12 Vdc or open circuit)
turn off (<1.2 Vdc)
input current when switched off
6
10
mA
start-up time
2
s
filter
Pi filter
input reverse polarity protection only present on chassis mount and DIN-rail mount
models
no load power consumption
0.12
W
Notes:
5. The minimum input voltage and start-up voltage for the chassis mount and DIN-rail mount versions are 1 Vdc higher than the DIP versions.
6. The voltage of the Ctrl pin is referenced to input GND pin.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load7
3.3, 5 Vdc output models
±5 Vdc output models
9, ±9 Vdc output models
±12 Vdc output models
±15 Vdc output models
all other models
2,200
1,000
680
470
330
100
μF
μF
μF
μF
μF
μF
voltage accuracy8
0% to full load
±1
±3
%
line regulation
from low line to high line, full load
positive outputs
negative outputs
±0.2
±0.5
±0.5
±1
%
%
load regulation9
from 5% to full load
positive outputs
negative outputs
±0.5
±0.5
±1
±1.5
%
%
voltage balance10
dual output models
±5
%
Note:
7. Tested at input voltage range and full load.
8. At 0~5% load, the max output voltage accuracy for the ±5 & ±9 Vdc output models is ±5%.
9. At 0~100% load, the max load regulation is ±5%.
10. Unbalanced loads should not exceed ±5%. If ±5% is exceeded, the product performance cannot be guaranteed.
PART NUMBER KEY
Base Number
PDQE10 - QXX - X XX - X
Input Voltage
Output Voltage
Mounting Style:
D = DIP
T = chassis mount
DIN = DIN-rail mount
Output:
S = single
D = dual
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com