Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQP3-D Datasheet(PDF) 2 Page - CUI INC

Part # PQP3-D
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PQP3-D Datasheet(HTML) 2 Page - CUI INC

  PQP3-D Datasheet HTML 1Page - CUI INC PQP3-D Datasheet HTML 2Page - CUI INC PQP3-D Datasheet HTML 3Page - CUI INC PQP3-D Datasheet HTML 4Page - CUI INC PQP3-D Datasheet HTML 5Page - CUI INC PQP3-D Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PQP3-D │ DESCRIPTION: DC-DC CONVERTER
date 07/14/2021
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
input voltage
12 Vdc input models
24 Vdc input models
9
18
12
24
18
36
Vdc
Vdc
start-up voltage
12 Vdc input models
24 Vdc input models
9
18
Vdc
Vdc
surge voltage
for maximum of 1 second
12 Vdc input models
24 Vdc input models
-0.7
-0.7
25
50
Vdc
Vdc
filter
capacitance filter
current
full load/no load
12 Vdc input models
24 Vdc input models
314/30
154/20
338/50
165/40
mA
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
min to max Vin
positive outputs
negative outputs
±0.2
±0.5
±0.5
±1
%
%
load regulation
5% ~ 100% load
positive outputs
negative outputs
±0.5
±1
±3
%
%
set-point accuracy
5% ~ 100% load
positive outputs
negative outputs
±1
±3
±3
±5
%
%
switching frequency
full load, nominal input
300
kHz
transient response
25% load step change
±2.5
±5
%
temperature coefficient
full load
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, self-recovery
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com