Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRMC3-S Datasheet(PDF) 2 Page - CUI INC

Part # PRMC3-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRMC3-S Datasheet(HTML) 2 Page - CUI INC

  PRMC3-S Datasheet HTML 1Page - CUI INC PRMC3-S Datasheet HTML 2Page - CUI INC PRMC3-S Datasheet HTML 3Page - CUI INC PRMC3-S Datasheet HTML 4Page - CUI INC PRMC3-S Datasheet HTML 5Page - CUI INC PRMC3-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PRMC3-S │ DESCRIPTION: DC-DC CONVERTER
date 11/15/2021
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 Vdc input models
12 Vdc input models
24 Vdc input models
48 Vdc input models
4.5
9
18
36
5
12
24
48
9
18
36
75
Vdc
Vdc
Vdc
Vdc
start-up voltage
5 Vdc input models
12 Vdc input models
24 Vdc input models
48 Vdc input models
3.5
4.5
11
24
4
8
16
33
4.5
9
18
36
Vdc
Vdc
Vdc
Vdc
surge voltage
for maximum of 1 second
5 Vdc input models
12 Vdc input models
24 Vdc input models
48 Vdc input models
-0.7
-0.7
-0.7
-0.7
12
25
50
100
Vdc
Vdc
Vdc
Vdc
filter
capacitance filter
CTRL2
models ON (CTRL open or insulated)
models OFF (connect voltage, current into CTRL is
5~10mA)
Notes:
2. See application notes on page 6.
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
full load, input voltage from low to high
±0.2
±0.5
%
load regulation
5% to 100% load
±0.2
±0.5
%
voltage accuracy
5% to 100% load
±1
±3
%
no-load voltage accuracy3
input voltage range
±1.5
±5
%
voltage balance4
dual output, balanced loads
±0.5
±1
%
switching frequency
100% load, nominal input voltage, PFM mode
250
KHz
transient recovery time
25% load step change
0.5
3
ms
transient response deviation
25% load step change
±2.5
±5
%
temperature coeffecient
100% load
±0.02
±0.03
%/°C
Notes:
3. The max no-load voltage accuracy for PRMC3-D12-S3-S is ±8%
4. For dual output models, unbalanced loads should not exceed ±5%. If ±5% is exceeded, it may not meet all specifications.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
PART NUMBER KEY
PRMC3 - DXX - XXX -S
Input Voltage
Output Voltage
Packaging Style
Base Number
S = single
D = dual
SIP
Output
MODEL
(CONTINUED)
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
typ
(mVp-p)
typ
(%)
PRMC3-D48-D5-S
48
36~75
±5
±15
±300
3
100
79
PRMC3-D48-D12-S
48
36~75
±12
±6
±125
3
100
82
PRMC3-D48-D15-S
48
36~75
±15
±5
±100
3
100
82
Notes:
1. ripple and noise are measured at 20 MHz BW by “parallel cable” method with 1 μF ceramic and 10 μF electrolytic capacitors on the output.
PART NUMBER KEY
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com