Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRMCE1-S Datasheet(PDF) 1 Page - CUI INC

Part # PRMCE1-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRMCE1-S Datasheet(HTML) 1 Page - CUI INC

  PRMCE1-S Datasheet HTML 1Page - CUI INC PRMCE1-S Datasheet HTML 2Page - CUI INC PRMCE1-S Datasheet HTML 3Page - CUI INC PRMCE1-S Datasheet HTML 4Page - CUI INC PRMCE1-S Datasheet HTML 5Page - CUI INC PRMCE1-S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 10/06/2021
page 1 of 6
SERIES: PRMCE1-S
│ DESCRIPTION: DC-DC CONVERTER
date 10/06/2021
page 1 of 6
FEATURES
• 1W isolated output
• 3000 Vdc isolation
• compact SIP package
• continuous short circut protection
• no-load input current as low as 5mA
• wide temperature range: -40°C to +85°C
• high efficiency up to 73%
• UL 62368, EN 62368, IEC 62368 approval
MODEL
Certifications
input
voltage
output
voltage
output
current
output
power
ripple
and noise
efficiency
typ
(Vdc)
(Vdc)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PRMCE1-S5-S3-S
-
5
3.3
250
1
75
67
PRMCE1-S5-S5-S
UL/CE/CB
5
5
200
1
75
70
PRMCE1-S5-S9-S
UL/CE/CB
5
9
110
1
75
71
PRMCE1-S5-S12-S
UL/CE/CB
5
12
84
1
75
72
PRMCE1-S5-S15-S
UL/CE/CB
5
15
67
1
75
73
PRMCE1-S5-S24-S
CE
5
24
41
1
100
73
PRMCE1-S12-S5-S
CE
12
5
200
1
100
73
PRMCE1-S12-S9-S
CE
12
9
111
1
100
73
PRMCE1-S12-S12-S
CE
12
12
83
1
100
73
PRMCE1-S12-S15-S
CE
12
15
67
1
150
75
PRMCE1-S15-S5-S
CE
15
5
200
1
100
73
PRMCE1-S15-S15-S
CE
15
15
67
1
150
75
PRMCE1-S24-S3-S
CE
24
3.3
250
1
100
71
PRMCE1-S24-S5-S
CE
24
5
200
1
100
73
PRMCE1-S24-S9-S
CE
24
9
111
1
100
73
PRMCE1-S24-S12-S
CE
24
12
83
1
100
73
PRMCE1-S24-S15-S
CE
24
15
67
1
150
73
PART NUMBER KEY
Output Voltage
PRMCE1 - XX - XX - S
Base Number
Input Voltage
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PRMCE1-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRMC1-D12-D12-S CUI-PRMC1-D12-D12-S Datasheet
1Mb / 6P
DC-DC CONVERTER
07/07/2021
PRMC1-D12-D15-S CUI-PRMC1-D12-D15-S Datasheet
1Mb / 6P
DC-DC CONVERTER
07/07/2021
PRMC1-D12-D5-S CUI-PRMC1-D12-D5-S Datasheet
1Mb / 6P
DC-DC CONVERTER
07/07/2021
PRMC1-D12-S12-S CUI-PRMC1-D12-S12-S Datasheet
523Kb / 6P
DC-DC CONVERTER
PRMC1-D12-S12-S CUI-PRMC1-D12-S12-S Datasheet
1Mb / 6P
DC-DC CONVERTER
07/07/2021
More results

Similar Description - PRMCE1-S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com