Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYB20 Datasheet(PDF) 4 Page - CUI INC

Part # PYB20
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB20 Datasheet(HTML) 4 Page - CUI INC

  PYB20 Datasheet HTML 1Page - CUI INC PYB20 Datasheet HTML 2Page - CUI INC PYB20 Datasheet HTML 3Page - CUI INC PYB20 Datasheet HTML 4Page - CUI INC PYB20 Datasheet HTML 5Page - CUI INC PYB20 Datasheet HTML 6Page - CUI INC PYB20 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PYB20 │ DESCRIPTION: DC-DC CONVERTER
date 01/15/2021
│ page 4 of 7
units: mm[inch]
tolerance: ±0.3[±0.012]
pin diameter tolerance: ±0.10[±0.004]
pin height tolerance: ±0.50[±0.020]
MECHANICAL DRAWING
BOARD MOUNT WITH HEATSINK
BOARD MOUNT
Top View
Front View
Top View
PCB Layout
Grid Size: 2.54mm x 2.54mm
PIN CONNECTIONS
PIN
Single
Output
Dual
Output
1
GND
GND
2
Vin
Vin
3
+Vo
+Vo
4
Trim
0V
5
0V
-Vo
6
CTRL
CTRL
PIN CONNECTIONS
PIN
Single
Output
Dual
Output
1
GND
GND
2
Vin
Vin
3
+Vo
+Vo
4
Trim
0V
5
0V
-Vo
6
CTRL
CTRL
units: mm[inch]
tolerance: ±0.3[±0.012]
pin diameter tolerance: ±0.10[±0.004]
pin height tolerance: ±0.50[±0.020]
Top View
PCB Layout
Grid Size: 2.54mm x 2.54mm
Front View
Bottom View
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com