Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1044C/D+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1044C/D+
Description  Switched-Capacitor Voltage Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1044C/D+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1044C/D+ Datasheet HTML 1Page - Maxim Integrated Products MAX1044C/D+ Datasheet HTML 2Page - Maxim Integrated Products MAX1044C/D+ Datasheet HTML 3Page - Maxim Integrated Products MAX1044C/D+ Datasheet HTML 4Page - Maxim Integrated Products MAX1044C/D+ Datasheet HTML 5Page - Maxim Integrated Products MAX1044C/D+ Datasheet HTML 6Page - Maxim Integrated Products MAX1044C/D+ Datasheet HTML 7Page - Maxim Integrated Products MAX1044C/D+ Datasheet HTML 8Page - Maxim Integrated Products MAX1044C/D+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
20
40
60
80
100
0
-50
125
A: MAX1044 WITH
BOOST = V+
B: ICL7600
C: MAX1044 WITH
BOOST = OPEN
B
A
C
QUIESCENT CURRENT
vs. OSCILLATOR FREQUENCY
OSCILLATOR FREQUENCY (Hz)
105
104
103
102
10
100
1000
10,000
1
100
101
5x105
USING
EXTERNAL
HCMOS
OSCILLATOR
USING
EXTERNAL
CAPACITOR
EFFICIENCY
vs. OSCILLATOR FREQUENCY
OSCILLATOR FREQUENCY (Hz)
105
104
103
102
40
50
60
70
80
90
100
30
101
6x105
EXTERNAL
HCMOS
OSCILLATOR
OSCILLATOR FREQUENCY
vs. EXTERNAL CAPACITANCE
COSC (pF)
10,000
1000
100
10
1
10
100
1000
10,000
100,000
0.1
1
100,000
ICL7660 AND
MAX1044 WITH
BOOST = OPEN
MAX1044 WITH
BOOST -V+
OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
9
8
7
6
5
4
3
2
1000
10,000
100,000
0
1
10
FROM TOP TO BOTTOM AT 5V
MAX1044, BOOST = V+, LV = GND
MAX1044, BOOST = V+, LV = OPEN
ICL7660, LV = GND
ICL7660, LV = OPEN
MAX1044, BOOST = OPEN, LV = GND
MAX1044, BOOST = OPEN, LV = OPEN
MAX1044/ICL7660
Switched-Capacitor Voltage Converters
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com