Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1626C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1626C/D
Description  5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1626C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1626C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 10Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 11Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 12Page - Maxim Integrated Products MAX1626C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MAX1626/MAX1627
5V/3.3V or Adjustable,
100% Duty-Cycle, High-Efficiency,
Step-Down DC-DC Controllers
Maxim Integrated | 9
www.maximintegrated.com
loss. For 1% error, the current through R2 should be at
least 100 times FB’s input bias current. Capacitor CR2
is used to compensate the MAX1627 for even switch-
ing. Values between 0pF and 330pF work for many
applications. See the
Stability and MAX1627 Feedback
Compensation section for details.
Current-Sense-Resistor Selection
The current-sense comparator limits the peak switching
current to VCS/RSENSE, where RSENSE is the value of
the current-sense resistor and VCS is the current-sense
threshold. VCS is typically 100mV, but can range from
85mV to 115mV. Minimizing the peak switching current
will increase efficiency and reduce the size and cost of
external components. However, since available output
current is a function of the peak switching current, the
peak current limit must not be set too low.
Set the peak current limit above 1.3 times the maximum
load current by setting the current-sense resistor to:
Alternatively, select the current-sense resistor for 5V
and 3.3V output applications using the current-sense
resistor graphs in Figures 6a and 6b. The current-sense
resistor’s power rating should be 20% higher than:
Standard wire-wound resistors have an inductance
high enough to degrade performance, and are not rec-
ommended. Surface-mount (chip) resistors have very
little inductance and are well suited for use as current-
sense resistors. Power metal-strip resistors feature
1/2W and 1W power dissipation, 1% tolerance, and
inductance below 5nH. Resistance values between
10mΩ and 500mΩ are available.
Inductor Selection
The essential parameters for inductor selection are
inductance and current rating. The MAX1626/MAX1627
operate with a wide range of inductance values. In many
applications, values between 10µH and 68µH take best
advantage of the controller’s high switching frequency.
Calculate the minimum inductance value as follows:
R
=
V
R
POWER RATING (W)
2
CS
CS MAX
()
R
=
V
1.3 x I
CS
CS(MIN)
OUT(MAX)
R3
CR2
R2
FROM
OUTPUT
TO FB
Figure 5. Adjustable-Output Operation Using the MAX1627
4.5
5.5
5.0
6.0
12
10
14
16
INPUT VOLTAGE (V)
3.0
3.5
2.5
2.0
1.5
1.0
0
0.5
VOUT = 5V
RSENSE = 0.03Ω
RSENSE = 0.04Ω
RSENSE = 0.05Ω
RSENSE = 0.1Ω
Figure 6a. MAX1626 5V-Operation Current-Sense Resistor
Graph
3.0
4.0
3.5
4.5
12
10
14
16
INPUT VOLTAGE (V)
3.0
3.5
2.5
2.0
1.5
1.0
0
0.5
VOUT = 3.3V
RSENSE = 0.03Ω
RSENSE = 0.04Ω
RSENSE = 0.05Ω
RSENSE = 0.1Ω
Figure 6b. MAX1626 3.3V-Operation Current-Sense Resistor
Graph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com