Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX1658C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1658C/D
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1658C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1658C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 9Page - Maxim Integrated Products MAX1658C/D Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Detailed Description
The MAX1658/MAX1659 are micropower, low-dropout
linear regulators featuring Dual Mode operation, which
allows them to deliver an adjustable (1.25V to 16.5V) or
preset (3.3V for the MAX1658, 5V for MAX1659) output.
They supply up to 350mA while requiring only 120μA
of supply current (typically 30μA with no load). The
devices include thermal-shutdown circuitry, output current
limiting, a p-channel pass transistor, a Dual Mode compar-
ator, and a feedback voltage-divider. Figure 1 shows the
functional diagram.
The 1.21V reference is connected to the amplifier’s
inverting input. The error amplifier compares this
reference with the selected feedback voltage and ampli-
fies the difference. The error signal applies the drive to the
p-channel pass transistor. If the feedback voltage is lower
than the reference voltage, the transistor’s gate is pulled
lower, increasing output current.
The output voltage is fed back through an internal resistor
network or an external user-selected network. The Dual
Mode comparator examines the voltage at the SET
pin and selects either the internal or external feedback
path. If SET is below 65mV, internal feedback sets the
MAX1658’s output voltage to 3.3V and the MAX1659’s
to 5V. Otherwise, external feedback is used for an
adjustable output between 1.25V and 16.5V. Additional
features include internal current limiting, reverse-battery
protection, thermal-overload protection, and a 1μA
shutdown mode.
Figure 1. Functional Diagram
P
P
OUT
SET
IN
SHDN
MOSFET
DRIVER
WITH
CURRENT
LIMIT
R2
R1
65mV
GND
DUAL-MODE
COMPARATOR
1.21V
REFERENCE
THERMAL
SENSOR
ERROR
AMPLIFIER
MAX1658
MAX1659
MAX1658/MAX1659
350mA, 16.5V Input,
Low-Dropout Linear Regulators
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com