Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTK15 Datasheet(PDF) 4 Page - CUI INC

Part # PTK15
Description  dc-dc converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PTK15 Datasheet(HTML) 4 Page - CUI INC

  PTK15 Datasheet HTML 1Page - CUI INC PTK15 Datasheet HTML 2Page - CUI INC PTK15 Datasheet HTML 3Page - CUI INC PTK15 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
4 of 4
06/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: PTK15
APPLICATION NOTES
1. OUTPUT TRIMMING
The output voltages are preset to nominal values as indicated by the models table at the factory. If desired, the output voltage may
optionally be trimmed to a different value (±5%) with external resistors and/or potentiometer as shown below.
To trim the output voltage with fixed resistors, the output voltage can be calculated as follows.
Trim-Up
Trim-Down
FIGURE 2: TRIM-UP VOLTAGE SETUP
FIGURE 3: TRIM-DOWN VOLTAGE SETUP
The value of Rtrim-up is defined as:
The value of Rtrim-down is defined as:
Where: Rtrim-up is the external resistor in KΩ. Vo is the
Where: Rtrim-down is the external resistor in KΩ. Vo is the
desired output voltage. R1 and R2 and Vr are internal to
desired output voltage. R1 and R2 and Vr are internal to
the unit and are defined in Table 1. For example to trim up
the unit and are defined in Table 1. For example to trim down
the PTK15-D5-D12 up by 5% to 25.2 V, Rtrim-up is calculated
the PTK15-D5-D12 down by 5% to 22.8 V, Rtrim-down is calculated
as follows:
as follows:
R load
10KW
Trimpot
+Vin
-Vin
-Vo
Trim
+Vo
FIGURE 1. TRIMMING WITH
EXTERNAL POTENTIOMETER
2.5
2.5
2.5
2.5
2.5
2.5
1.25
Vr (V)
2.43
2.43
2.43
2.4
2.43
2.43
0.68
R2 (K
Ω)
Model
PTK15-QXX-D15
PTK15-QXX-D12
PTK15-QXX-D5
PTK15-QXX-S15
PTK15-QXX-S12
PTK15-QXX-S5
PTK15-QXX-S3.3
26.7
21
7.32
12.7
9.31
2.43
1.13
R1 (K
Ω)
Table 1
R load
R trim-up
+Vin
-Vin
+Vo
Trim
-Vo
R load
R trim-down
+Vin
-Vin
+Vo
Trim
-Vo
Vo = 25.2 / R1 = 21 KΩ / R2 = 2.43 KΩ / Vr = 2.5
=
=
Rtrim_up
47.94 KΩ
2.43 · (25.2 - 2.5) - 2.5 · 21
2.5 · 21 · 2.43
Vo = 22.8 / R1 = 21 KΩ / R2 = 2.43 KΩ / Vr = 2.5
=
=
Rtrim_down
326.68 KΩ
2.5 - 2.1 (22.8 - 2.5) · 2.43
(22.8 - 2.5) · 21 · 2.43
=
Rtrim_up
R2 · (Vo - Vr) - Vr · R1
Vr · R1 · R2
=
Rtrim_down
Vr · R1 - (Vo - Vr) · R2
(Vo - Vr) · R1 · R2
Additional Resources: Product Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com