Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYBE20 Datasheet(PDF) 2 Page - CUI INC

Part # PYBE20
Description  DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYBE20 Datasheet(HTML) 2 Page - CUI INC

  PYBE20 Datasheet HTML 1Page - CUI INC PYBE20 Datasheet HTML 2Page - CUI INC PYBE20 Datasheet HTML 3Page - CUI INC PYBE20 Datasheet HTML 4Page - CUI INC PYBE20 Datasheet HTML 5Page - CUI INC PYBE20 Datasheet HTML 6Page - CUI INC PYBE20 Datasheet HTML 7Page - CUI INC PYBE20 Datasheet HTML 8Page - CUI INC PYBE20 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date 02/07/2022
│ page 2 of 9
CUI Inc
│ SERIES: PYBE20 │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
9
18
24
48
36
75
Vdc
Vdc
start-up voltage
24 Vdc input models
48 Vdc input models
9
18
Vdc
Vdc
surge voltage
for maximum of 1 second
24 Vdc input models
48 Vdc input models
-0.7
-0.7
50
100
Vdc
Vdc
under voltage shutdown
24 Vdc input models
48 Vdc input models
5.5
12
6.5
15.5
Vdc
Vdc
current
24 Vdc input models
3.3 Vdc output models
5 Vdc output models
all other models
818
993
969
mA
mA
MA
48 Vdc input models
3.3 Vdc output models
5 Vdc output models
all other models
409
497
485
mA
mA
mA
remote on/off (CTRL)4
turn on (3.5~12 Vdc or open circuit)
turn off (<1.2 Vdc)
input current when switched off
4
7
mA
filter
Pi filter
input reverse polarity protection only present on chassis mount and DIN-rail mount models
no load power consumption
0.15
W
Notes:
4. The voltage of the CTRL pin is referenced to input GND pin.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load5
3.3, 5 Vdc output models
9 Vdc output models
12 Vdc output models
24 Vdc output models
±5 Vdc output models
15, ±9 Vdc output models
±12 Vdc output models
±15 Vdc output models
10,000
4,700
1,600
500
4,800
1,000
800
625
μF
μF
μF
μF
μF
μF
μF
μF
voltage accuracy6
0% to full load
±1
±3
%
line regulation
from low line to high line, full load
positive outputs
negative outputs
±0.2
±0.5
±0.5
±1
%
%
load regulation7
from 5% to full load
positive outputs
negative outputs
±0.5
±0.5
±1
±1.5
%
%
Note:
5. Tested at input voltage range and full load.
6. At 0~5% load, the max output voltage accuracy for the ±5 & ±9 Vdc output models is ±5%.
7. At 0~100% load, the max load regulation is ±5%.
PART NUMBER KEY
Base Number
PYBE20 - QXX - X XX - X
Input Voltage
Output Voltage
Output:
S = single
D = dual
Mounting Style:
“blank” = board mount
T = chassis mount
DIN = DIN-rail mount
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com