Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSWCSR8H2G65DP02 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # FSWCSR8H2G65DP02
Description  FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FSWCSR8H2G65DP02 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  FSWCSR8H2G65DP02 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FSWCSR8H2G65DP02 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
FSWCSR8H2G65DP02 (Previous PN: D6HQ2G655DP02)
Features
Item Summary
FBAR, Duplexer, 1.8x1.4x0.54mm
Band 7
Lifecycle Stage
Mass Production (Preferred)
Standard packaging quantity (minimum)
Taping Embossed 15000pcs
Products characteristics table
System
LTE
Type
FBAR
Function
Duplexer
band
Band 7
Insertion Loss (typ)
2.0/2.0 dB
(Tx-ANT/ANT-Rx)
Isolation (typ)
58/55 dB
Input Power (max)
+29dBm
Termination Impedance
Unbalance
Operating Temp. Range
-30 to +85 ℃
RoHS Compliance (10 subst.)
Yes
REACH Compliance (223 subst.)
Yes
Halogen Free
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.8 ±0.10 mm
Dimension W
1.4 ±0.10 mm
Dimension T
Max 0.54 mm
2022.03.21
1 / 1


Similar Part No. - FSWCSR8H2G65DP02

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FSWCSR8H2G65DP01 TAIYO-YUDEN-FSWCSR8H2G65DP01 Datasheet
303Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
More results

Similar Description - FSWCSR8H2G65DP02

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FSDCSQ6M2G65G3PZ TAIYO-YUDEN-FSDCSQ6M2G65G3PZ Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
FSDCSQ6N1G96G3NZ TAIYO-YUDEN-FSDCSQ6N1G96G3NZ Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
FSDCSQ6N2G14G1CP TAIYO-YUDEN-FSDCSQ6N2G14G1CP Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
FSDCSQ8T881MK2E4 TAIYO-YUDEN-FSDCSQ8T881MK2E4 Datasheet
303Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
2022.03.21
FSDCSR8M1G84K2C7 TAIYO-YUDEN-FSDCSR8M1G84K2C7 Datasheet
314Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
2022.03.21
FSDCSR8N2G65K2F1 TAIYO-YUDEN-FSDCSR8N2G65K2F1 Datasheet
303Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (SAW Duplexers)
2022.03.21
FSWCSQ8H2G65DP03 TAIYO-YUDEN-FSWCSQ8H2G65DP03 Datasheet
303Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
FSWCSR8H1G96DP35 TAIYO-YUDEN-FSWCSR8H1G96DP35 Datasheet
303Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
FSWCSR8H2G65BP11 TAIYO-YUDEN-FSWCSR8H2G65BP11 Datasheet
300Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
FSWCSR8H2G65DP01 TAIYO-YUDEN-FSWCSR8H2G65DP01 Datasheet
303Kb / 2P
FBAR/SAW DEVICES for COMMUNICATIONS (FBAR Duplexers)
2022.03.21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com