Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KFD2-EB2.R4A.B Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # KFD2-EB2.R4A.B
Description  Redundant Power Feed Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KFD2-EB2.R4A.B Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KFD2-EB2.R4A.B Datasheet HTML 1Page - Pepperl+Fuchs Inc. KFD2-EB2.R4A.B Datasheet HTML 2Page - Pepperl+Fuchs Inc. KFD2-EB2.R4A.B Datasheet HTML 3Page - Pepperl+Fuchs Inc. KFD2-EB2.R4A.B Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Redundant Power Feed Module
KFD2-EB2.R4A.B
< Interface for Power Rail
< Used for redundant configuration
< Supply current ≤ 4 A
< Replaceable fuse
< Relay contact output, reversible
< LED status indication
Power feed module, redundant supply
Function
The power feed module supplies the Power Rail with a voltage of 24 V DC and a maximum current of 4 A. The device is designed for applications
requiring redundant power.
In the event of a device fault or a wiring fault of any isolator on the Power Rail, the collective error messaging relay alerts the controller via a binary
I/O point. This relay can be configured as normally-open or normally-closed.
A green LED on the front of the device indicates the power state, and a red LED lights up during a fault condition.
Additionally, the bus implemented in the Power Rail is forwarded to the terminals 13 and 15 for usage with the RS-485 connection of the
KFD2-WAC2-Ex1.D device. Terminal 14 is only for test purposes.
In the sense of functional safety (SIL) the device provides no dangerous failures. Thereby the safe condition of the supplied isolators must be
defined as the de-energized state. Thus the device will not influence the safety calculation or the SIL value.
This device is compatible with all versions of the Power Rail and provides group fusing.
Note: Redundant systems require 2 KFD2-EB.R4A.B power feed modules.
Connection
14
KFD2-EB2.R4A.B
13
15
7
10
24 V DC
9-
12-
8+
11+
Power Rail
24V DC
Fault
Bus
5 AT
Bus
Zone 2
Fault
Technical Data
Supply
Connection
terminals 11+, 12-
terminals 8+, 9-
Rated voltage
Ur
20 ... 30 V DC
The maximum rated operating voltage of the devices plugged onto the Power Rail
must not be exceeded.
Fusing
5 AT/250 V AC
recommended maximum utilization of the fuse: 80 %
Power dissipation
≤ 2.4 W
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - KFD2-EB2.R4A.B

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KFD2-EB2.R4A.B.SP PF-KFD2-EB2.R4A.B.SP Datasheet
1Mb / 4P
Redundant Power Feed Module
More results

Similar Description - KFD2-EB2.R4A.B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-G507 ETC2-EFRP-G507 Datasheet
451Kb / 2P
500W ERP1U Redundant Power Module
EFRP-G657 ETC2-EFRP-G657 Datasheet
449Kb / 2P
650W ERP1U Redundant Power Module
EFRP-G753 ETC2-EFRP-G753 Datasheet
163Kb / 2P
1U 750W Redundant Power Module
EFRP-S287 ETC2-EFRP-S287 Datasheet
366Kb / 2P
280W ERP1U Redundant Power Module
EFRP-S400 ETC2-EFRP-S400 Datasheet
371Kb / 2P
400W Redundant Power Module
EFRP-S407 ETC2-EFRP-S407 Datasheet
279Kb / 2P
400W ERP1U Redundant Power Module
EFRP-S500 ETC2-EFRP-S500 Datasheet
371Kb / 2P
500W Redundant Power Module
EFRP-S507 ETC2-EFRP-S507 Datasheet
286Kb / 2P
500W ERP1U Redundant Power Module
logo
PHOENIX CONTACT
5603359 PHOENIX-5603359 Datasheet
39Kb / 1P
REDUNDANT POWER MODULE
logo
Pepperl+Fuchs Inc.
KFD2-EB2.R4A.B.SP PF-KFD2-EB2.R4A.B.SP Datasheet
1Mb / 4P
Redundant Power Feed Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com