Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TM3SAF5RG Datasheet(PDF) 2 Page - Schneider Electric

Part # TM3SAF5RG
Description  Safety module, Modicon TM3 Safety, 1 Function, Cat 4 PL e/SIL CL3 (spring) 24 VDC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3SAF5RG Datasheet(HTML) 2 Page - Schneider Electric

  TM3SAF5RG Datasheet HTML 1Page - Schneider Electric TM3SAF5RG Datasheet HTML 2Page - Schneider Electric TM3SAF5RG Datasheet HTML 3Page - Schneider Electric TM3SAF5RG Datasheet HTML 4Page - Schneider Electric TM3SAF5RG Datasheet HTML 5Page - Schneider Electric TM3SAF5RG Datasheet HTML 6Page - Schneider Electric TM3SAF5RG Datasheet HTML 7Page - Schneider Electric TM3SAF5RG Datasheet HTML 8Page - Schneider Electric TM3SAF5RG Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Power consumption in W
0.2 W at 5 V DC
3.6 W at 24 V DC
Input protection type
Internal, electronic
[Uc] control circuit voltage
24 V DC
Maximum cable distance
between devices
30 m
Breaking capacity
360 VA holding AC-15 B300 relay output
3600 VA inrush AC-15 B300 relay output
Breaking capacity
4 A 24 V 50 ms DC-13 relay output
Output thermal current
6 A per relay for relay output
[Ith] conventional free air
thermal current
18 A
Associated fuse rating
4 A gG or gL for relay output conforming to EN/IEC 60947-5-1
6 A fast blow for relay output conforming to EN/IEC 60947-5-1
Minimum output current
10 mA for relay output
Output voltage
10 V relay output
Maximum response time on
input open
40 ms
[Ui] rated insulation voltage
300 V (pollution degree 2) conforming to IEC 60647-5-1
[Uimp] rated impulse withstand
voltage
4 kV overvoltage category III conforming to IEC 60647-5-1
Current consumption
100 mA at 24 V DC external supply
Local signalling
8 LEDs (green/red) for user
Electrical connection
Spring terminal
Standards
EN/ISO 13849-1:2008
EN/ISO 13849-2:2012
EN/IEC 62061:2005
EN/IEC 61508:2010
EN/IEC 60947-5-1:2010
EN/IEC 61131-2:2007
EN/IEC 60204-1:2005
EN/IEC 60204-1:2009/A1
IEC 61010-1:2010
EN 50581:2012
Product certifications
ANSI Haz Loc Class 1 Division 2 (pending)
UL 61010-2-201
EAC
TÜV
RCM
CSA Haz Loc Class 1 Division 2 (pending)
CSA 61010-2-201 (pending)
Marking
EFUP 10
CE
UL
EAC
RCM
CSA
TÜV
Electromagnetic compatibility
Electrostatic discharge immunity test - test level: 8 kV (air discharge) conforming to EN/IEC 61000-4-2
Electrostatic discharge immunity test - test level: 6 kV (contact discharge) conforming to EN/IEC
61000-4-2
Susceptibility to electromagnetic fields - test level: 10 V/m (80 MHz to 1 GHz) conforming to EN/IEC
61000-4-3
Susceptibility to electromagnetic fields - test level: 3 V/m (1.4 GHz...2 GHz) conforming to EN/IEC
61000-4-3
Susceptibility to electromagnetic fields - test level: 1 V/m (2 GHz...3 GHz) conforming to EN/IEC
61000-4-3
Magnetic field at power frequency - test level: 30 A/m (50...60 Hz) conforming to EN/IEC 61000-4-8
Electrical fast transient/burst immunity test - test level: 3 kV (power lines (DC)) conforming to EN/IEC
61000-4-4
Electrical fast transient/burst immunity test - test level: 2 kV (I/O) conforming to EN/IEC 61000-4-4
1.2/50 µs shock waves immunity test - test level: 1 kV (power lines (DC)) conforming to EN/IEC
61000-4-5
Conducted RF disturbances - test level: 10 V (0.15...80 MHz) conforming to EN/IEC 61000-4-6
Radiated emission - test level: 40 dBµV/m class A (24 V) conforming to EN 55011
Radiated emission - test level: 47 dBµV/m class A (24 V) conforming to EN 55011
Mounting support
Top hat type TH35-7.5 rail conforming to IEC 60715
Top hat type TH35-15 rail conforming to IEC 60715
2
Apr 4, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com