Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VAZ-LED-40MM-CLD-RD Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # VAZ-LED-40MM-CLD-RD
Description  Stack light LED permanent light element
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAZ-LED-40MM-CLD-RD Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  VAZ-LED-40MM-CLD-RD Datasheet HTML 1Page - Pepperl+Fuchs Inc. VAZ-LED-40MM-CLD-RD Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
Ambient temperature
-30 ... 60 °C (-22 ... 140 °F)
Mechanical specifications
Degree of protection
IP66
Connection
Bayonet system
Material
PC
Mass
28 g
Life span
max. 50,000 h
Matching system components
VAZ-CLAMP-40MM-IO
Signal tower connection element IO-Link with cover
VAZ-CLAMP-40MM
Stack light terminal base with cover plate
Stack light LED permanent light element
VAZ-LED-40MM-CLD-RD
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com