Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VAZ-RK-P-6TEE-CG Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # VAZ-RK-P-6TEE-CG
Description  AS-Interface 6 port segment protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VAZ-RK-P-6TEE-CG Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  VAZ-RK-P-6TEE-CG Datasheet HTML 1Page - Pepperl+Fuchs Inc. VAZ-RK-P-6TEE-CG Datasheet HTML 2Page - Pepperl+Fuchs Inc. VAZ-RK-P-6TEE-CG Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS-Interface 6 port segment protector
VAZ-RK-P-6TEE-CG
< Protected AS-i; 6 port segment protector
< 8 cable glands
AS-Interface 6 port segment protector
Dimensions
66.7
115.5
8
20.6
20.6
50.8
85.7
Technical Data
General specifications
Description
AS-Interface 6 port segment protector
Indicators/operating means
LED Overload
LED red: output overloaded
LED BUS ACTIVE
LED green: flashing = low voltage
LED PWR
LED green: port powered
Electrical specifications
Rated operating voltage
Ue
26.5 ... 31.6 V from AS-Interface
Rated operating current
Ie
8 A
Maximum safe voltage
Um
35 V
Interface
Protocol
AS-Interface
Output
Number/Type
6, port segment protector, 1 node each spur connection
Current limit
28 mA (output off)
240 mA (output on) per spur
Voltage drop
Ud
< 1 V
Short-circuit current
max. 28 mA
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - VAZ-RK-P-6TEE-CG

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
VAZ-RK-P-TEE PF-VAZ-RK-P-TEE Datasheet
813Kb / 3P
Segment Protector for Cabinet Installation
More results

Similar Description - VAZ-RK-P-6TEE-CG

ManufacturerPart #DatasheetDescription
logo
Protek Devices
TEL185B PROTEC-TEL185B Datasheet
108Kb / 3P
TELEPHONE INTERFACE PROTECTOR
TEL185B PROTEC-TEL185B_10 Datasheet
441Kb / 5P
TELEPHONE INTERFACE PROTECTOR
TEL185B PROTEC-TEL185B_12 Datasheet
442Kb / 5P
TELEPHONE INTERFACE PROTECTOR
logo
Pepperl+Fuchs Inc.
VBG-MOD-K20-D PF-VBG-MOD-K20-D Datasheet
276Kb / 2P
AS-Interface gateway
VBG-PB-K20-D-EV1 PF-VBG-PB-K20-D-EV1 Datasheet
328Kb / 2P
AS-Interface gateway
VBG-PN-K20-D-BV PF-VBG-PN-K20-D-BV Datasheet
307Kb / 2P
AS-Interface gateway
VBG-PN-K20-D-EV24 PF-VBG-PN-K20-D-EV24 Datasheet
311Kb / 2P
AS-Interface gateway
VBM-CLX-DM PF-VBM-CLX-DM Datasheet
362Kb / 3P
AS-Interface master
R-SP-E12 PF-R-SP-E12 Datasheet
1,022Kb / 5P
Segment Protector for Cabinet Installation
VAZ-RK-P-TEE PF-VAZ-RK-P-TEE Datasheet
813Kb / 3P
Segment Protector for Cabinet Installation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com