Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VOS-3-1/8 Datasheet(PDF) 1 Page - Festo Corporation.

Part # VOS-3-1/8
Description  Stem actuated valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VOS-3-1/8 Datasheet(HTML) 1 Page - Festo Corporation.

  VOS-3-1/8 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Stem actuated valve
VOS-3-1/8
Part number: 2952
Data sheet
Feature
Value
Valve function
3/2, open, monostable
Actuation type
Mechanical
Standard nominal flow rate
141 l/min ... 161 l/min
Pneumatic working port
G1/8
Operating pressure
0.35 MPa ... 0.8 MPa
Operating pressure
3.5 bar ... 8 bar
Structural design
Plate seat
Reset method
Mechanical spring
Nominal width
3.5 mm
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991114
Pilot medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Note on forced dynamization
Switching frequency min. 1/year
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Actuating force
2.93 N
Product weight
110 g
Type of mounting
With through-hole
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Pneumatic connection 3
G1/8
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
Aluminum
Anodized
4/8/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VOS-3-1/8

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
VOS-E MSYSTEM-VOS-E Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E-1311 MSYSTEM-VOS-E-1311 Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E-1311/C MSYSTEM-VOS-E-1311/C Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E-1311/R1 MSYSTEM-VOS-E-1311/R1 Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E-1311/R2 MSYSTEM-VOS-E-1311/R2 Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
More results

Similar Description - VOS-3-1/8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-SC-M52-M-G14 FESTO-VMEF-SC-M52-M-G14 Datasheet
82Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-E-G14 FESTO-VMEF-SCZ-M52-E-G14 Datasheet
83Kb / 2P
Stem actuated valve
VMEF-S-M52-E-G14 FESTO-VMEF-S-M52-E-G14 Datasheet
82Kb / 2P
Stem actuated valve
VMEF-STC-M32-M-G18 FESTO-VMEF-STC-M32-M-G18 Datasheet
84Kb / 2P
Stem actuated valve
VMEF-SC-M52-M-N14 FESTO-VMEF-SC-M52-M-N14 Datasheet
82Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-E-N18 FESTO-VMEF-SCZ-M52-E-N18 Datasheet
84Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-M-N14 FESTO-VMEF-SCZ-M52-M-N14 Datasheet
83Kb / 2P
Stem actuated valve
VMEF-SCZ-M52-M-N18 FESTO-VMEF-SCZ-M52-M-N18 Datasheet
85Kb / 2P
Stem actuated valve
VMEF-STC-M32-M-N18 FESTO-VMEF-STC-M32-M-N18 Datasheet
84Kb / 2P
Stem actuated valve
3394 FESTO-3394 Datasheet
97Kb / 2P
Stem actuated valve
4/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com