Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDM2-S Datasheet(PDF) 4 Page - CUI INC

Part # PDM2-S
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDM2-S Datasheet(HTML) 4 Page - CUI INC

  PDM2-S_V01 Datasheet HTML 1Page - CUI INC PDM2-S_V01 Datasheet HTML 2Page - CUI INC PDM2-S_V01 Datasheet HTML 3Page - CUI INC PDM2-S_V01 Datasheet HTML 4Page - CUI INC PDM2-S_V01 Datasheet HTML 5Page - CUI INC PDM2-S_V01 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PDM2-S │ DESCRIPTION: DC-DC CONVERTER
date 01/18/2021
│ page 4 of 6
EMC RECOMMENDED CIRCUIT
TEST CONFIGURATION
Recommended external circuit components
Vin
(Vdc)
C1, C2
CY
LDM
5
4.7μF/50V
--
6.8μH
12
4.7μF/50V
--
6.8μH
15
4.7μF/50V
--
6.8μH
24
4.7μF/50V
1nF/2kV
6.8μH
External components
Lin
4.7μH
Cin
220μF, ESR < 1.0Ω
at 100 kHz
Vin
GND
+Vo
-Vo
(0V)
DC/DC
LOAD
LDM
C1
Vin
GND
Cout
C2
CY
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
DERATING CURVES
Rated Output Voltage
Output Current Percentage (%)
(Nominal Input Voltage)
Tolerance Envelope Curve
(all other models)
10 20
40
60
80
100
10
0
5
-5
Rated Output Voltage
1.0
-7.5
-15
Output Current Percentage (%)
(Nominal Input Voltage)
Tolerance Envelope Curve
(3.3 Vdc output only)
Typical
Load
Line
-10
-15
10 20
40
60
80
100
10
0
5
-5
2.5
-2.5
Typical
Load Line
-10
-15
-7.5
Max
Max
Min
Min
Figure 1
Figure 2
Table 1
Table 2
Note:
1. Input reflected-ripple current is measured with an inductor Lin and capacitor Cin to simulate source impedance.
100
80
60
40
20
Ambient Temperature (°C)
-40-20
0204060
85
105 120
Temperature Derating Curve
Safe operating area
Note:
1. See Table 3 for Cout values.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com