Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TM262M25MESS8T Datasheet(PDF) 4 Page - Schneider Electric

Part # TM262M25MESS8T
Description  Motion Controller M262, 3ns/ instruction, 8 axes, Ethernet, Sercoss
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM262M25MESS8T Datasheet(HTML) 4 Page - Schneider Electric

  TM262M25MESS8T Datasheet HTML 1Page - Schneider Electric TM262M25MESS8T Datasheet HTML 2Page - Schneider Electric TM262M25MESS8T Datasheet HTML 3Page - Schneider Electric TM262M25MESS8T Datasheet HTML 4Page - Schneider Electric TM262M25MESS8T Datasheet HTML 5Page - Schneider Electric TM262M25MESS8T Datasheet HTML 6Page - Schneider Electric TM262M25MESS8T Datasheet HTML 7Page - Schneider Electric TM262M25MESS8T Datasheet HTML 8Page - Schneider Electric TM262M25MESS8T Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Achilles
KC
Resistance to electrostatic
discharge
4 kV on contact conforming to EN/IEC 61000-4-2
8 kV on air conforming to EN/IEC 61000-4-2
Resistance to electromagnetic
fields
10 V/m 80 MHz...1 GHz conforming to EN/IEC 61000-4-3
3 V/m 1.4 GHz...2 GHz conforming to EN/IEC 61000-4-3
1 V/m 2 GHz...3 GHz conforming to EN/IEC 61000-4-3
Resistance to fast transients
2 kV (power lines) conforming to EN/IEC 61000-4-4
1 kV (Ethernet line) conforming to EN/IEC 61000-4-4
1 kV (serial link) conforming to EN/IEC 61000-4-4
1 kV (input) conforming to EN/IEC 61000-4-4
1 kV (transistor output) conforming to EN/IEC 61000-4-4
Resistance to conducted
disturbances
10 V 0.15...80 MHz conforming to EN/IEC 61000-4-4
3 V 0.1...80 MHz
10 V spot frequency (2, 3, 4, 6.2, 8.2, 12.6, 16.5, 18.8, 22, 25 MHz)
Electromagnetic emission
Conducted emissions - test level: 120...69 dBµV/m QP ( power lines) at 10…150 kHz conforming to
EN/IEC 55011
Conducted emissions - test level: 63 dBμV/m QP ( power lines) at 1.5…30 MHz conforming to EN/IEC
55011
Radiated emissions - test level: 40 dBµV/m at 30…230 kHz conforming to EN/IEC 55011
Conducted emissions - test level: 79...63 dBμV/m QP ( power lines) at 150…1500 kHz conforming to
EN/IEC 55011
Radiated emissions at 230…1000 MHz conforming to EN/IEC 55011
Immunity to microbreaks
0.01 ms
Ambient air temperature for
operation
-20…60 °C (horizontal installation)
-20…50 °C (vertical installation)
-20…45 °C (flat mounting)
Ambient air temperature for
storage
-40…85 °C
Relative humidity
10…95 %, without condensation (in operation)
10…95 %, without condensation (in storage)
IP degree of protection
IP20
Pollution degree
2
Operating altitude
0...2000 m
Storage altitude
0…3000 m
Vibration resistance
3.5 mm at 2…8.4 Hz on symmetrical rail
1 gn at 8.4…200 Hz on symmetrical rail
3.5 mm at 2…8.4 Hz on panel mounting
1 gn at 8.4…200 Hz on panel mounting
Shock resistance
15 gn for 11 ms
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
850.0 g
Package 1 Height
13.8 cm
Package 1 width
18.3 cm
Package 1 Length
13.1 cm
Unit Type of Package 2
S03
Number of Units in Package 2
8
Package 2 Weight
7.36 kg
Package 2 Height
30 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
4
Apr 6, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com