Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TM5ACTB5EFS Datasheet(PDF) 1 Page - Schneider Electric

Part # TM5ACTB5EFS
Description  Modicon TM5, terminal block with PT1000 temp. compensation, 16 contacts, red, quantity 1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5ACTB5EFS Datasheet(HTML) 1 Page - Schneider Electric

  TM5ACTB5EFS Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
Specifications
Modicon TM5, terminal block with
PT1000 temp. compensation, 16
contacts, red, quantity 1
TM5ACTB5EFS
Main
Range of product
Modicon TM5
Accessory / separate part type
Terminal block
Accessory / separate part
category
Connection accessory
Product compatibility
TM5 safety I/O modules 24 V DC
Number of terminals
16
Sale per indivisible quantity
1
Complementary
Range compatibility
Modicon M258
Modicon LMC058
Colour
Red
Cable cross section
0.08…1.5 mm² AWG 28...AWG 16, solid
0.25…1.5 mm² AWG 24...AWG 16, wire
0.25…0.75 mm² AWG 24...AWG 20 with cable end
Conductor material
Copper
Net weight
0.021 kg
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
20.0 g
Package 1 Height
1 cm
Package 1 width
6 cm
Package 1 Length
10 cm
Unit Type of Package 2
S02
Number of Units in Package 2
50
Package 2 Weight
1.2 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
 
Apr 8, 2022
1


Similar Part No. - TM5ACTB5EFS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5ACTB52FS SCHNEIDER-TM5ACTB52FS Datasheet
100Kb / 2P
Modicon TM5, Safety coded terminal block, 12 contacts, red, quantity 1
Apr 8, 2022
TM5ACTB5FFS SCHNEIDER-TM5ACTB5FFS Datasheet
94Kb / 1P
Modicon TM5, terminal block, 16 contacts, red, quantity 1
Apr 8, 2022
More results

Similar Description - TM5ACTB5EFS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5SAI2PH SCHNEIDER-TM5SAI2PH Datasheet
248Kb / 7P
Analog input module, Modicon TM5, 2I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
TM5SAI4PH SCHNEIDER-TM5SAI4PH Datasheet
266Kb / 7P
Analog input module, Modicon TM5, 4I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
TM5SD000 SCHNEIDER-TM5SD000 Datasheet
223Kb / 6P
Dummy module, Modicon TM5, module
Apr 6, 2022
TM5SE1IC01024 SCHNEIDER-TM5SE1IC01024 Datasheet
240Kb / 7P
Counter module, Modicon TM5, 1 HSC incremental, 100 KHz
Apr 6, 2022
TM5SE1IC02505 SCHNEIDER-TM5SE1IC02505 Datasheet
226Kb / 6P
Counter module, Modicon TM5, 1 HSC incremental, 250 KHz
Apr 6, 2022
TM5SE1SC10005 SCHNEIDER-TM5SE1SC10005 Datasheet
227Kb / 6P
Counter module, Modicon TM5, 1 HSC incremental, 1 MHz
Apr 6, 2022
TM5ACBM3FS SCHNEIDER-TM5ACBM3FS Datasheet
113Kb / 2P
Modicon TM5, Safety coded bus base, 24 V DC, internal I/O, red, quantity 1
Apr 8, 2022
TM5ACBM4FS SCHNEIDER-TM5ACBM4FS Datasheet
113Kb / 2P
Modicon TM5, Safety coded bus base, 24 V DC, internal I/O, red, quantity 1
Apr 8, 2022
TM5ACTB52FS SCHNEIDER-TM5ACTB52FS Datasheet
100Kb / 2P
Modicon TM5, Safety coded terminal block, 12 contacts, red, quantity 1
Apr 8, 2022
TM5ACTB5FFS SCHNEIDER-TM5ACTB5FFS Datasheet
94Kb / 1P
Modicon TM5, terminal block, 16 contacts, red, quantity 1
Apr 8, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com