Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS874005AGLFT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS874005AGLFT
Description  PCI EXPRESS TM JITTER ATTENUATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS874005AGLFT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS874005AGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS874005AGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS874005AGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS874005AGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS874005AGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS874005AGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS874005AGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS874005AGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS874005AGLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Integrated
Circuit
Systems, Inc.
874005AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 25, 2006
4
ICS874005
PCI EXPRESS™
JITTER ATTENUATOR
TABLE 4D. LVDS DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 5. AC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
K
L
CV
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
K
L
C
nV
D
D
V
=
N
I
V
5
6
4
.
3
=5
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
K
L
CV
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
K
L
C
nV
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1
-
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
2
,
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
5
.
0
+
D
N
GV
D
D
5
8
.
0
-V
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
N
H
I .
V
s
i
K
L
C
n
,
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
D
D
.
V
3
.
0
+
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
5
7
25
7
35
8
4V
m
Δ V
D
O
V
D
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m
V
S
O
e
g
a
t
l
o
V
t
e
s
f
f
O
2
.
15
3
.
15
.
1V
Δ V
S
O
V
S
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O8
90
6
1z
H
M
t
)
c
c
(
t
ij1
E
T
O
N
,
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
5
10
3s
p
t
)
o
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
9s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
5
5s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O8
42
5%
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
3
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com