Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TFS360F1 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS360F1
Description  Filter Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS360F1 Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS360F1 Datasheet HTML 1Page - Vectron International, Inc TFS360F1 Datasheet HTML 2Page - Vectron International, Inc TFS360F1 Datasheet HTML 3Page - Vectron International, Inc TFS360F1 Datasheet HTML 4Page - Vectron International, Inc TFS360F1 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
tfs360F1.doc
version 1.4
18.04.2001
VI TELEFILTER
Filter Specification
TFS 360F1
3/5
VI TELEFILTER
Vectron International Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Stability Characteristics
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Damp heat:
25 °C to 55°C / 95% r.H. / 10 cycles
(cycle)
DIN IEC 68 - 2 – 30 Db
4. Resistance to
solder heat (reflow):
max. 2 times reflow process;
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel:
IEC 286 - 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min 300 mm
reel of empty components at start including leader:
min 500 mm
trailer
min 300 mm
D o
Po
E
F
W
P1
EMBOSSED CARRIER TAPE
COVER TAPE
G
P 2
B o
A o
CT
D 1
Tape (all dimensions in mm)
W
:
12
± 0,3
Po
:
4
± 0,1
Do
:
1,5
+ 0,1
E
:
1,75 ± 0,1
F
:
5,5 ± 0,05
G (min) :
0,75
P2
:
2
± 0,05
P1
:
8
± 0,1
D1(min) :
1,5
Ao
:
4,3
± 0,1
Bo
:
4,3
± 0,1
CT
:
9,5
± 0,1
A
C
N
W
1
W 2
Reel (all dimensions in mm):
A
:
330
W1
:
12,4 + 0,2
W2 (max) :
18,4
N (min)
:
50
C
:
13
± 0,2
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape.
The marking of the filters is able to read if the view is directed on the upper side of the carrier tape with the sprocket holes on
the right side of the tape.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com