Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3B3257LEX Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI3B3257LEX
Description  3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3B3257LEX Datasheet(HTML) 7 Page - Diodes Incorporated

  PI3B3257LEX Datasheet HTML 1Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 2Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 3Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 4Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 5Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 6Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 7Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
A product Line of
Diodes Incorporated
PI3B3257
For latest package info.
please check: http://www.diodes.com/design/support/packaging/pericom-packaging/packaging-mechanicals-and-thermal-characteristics/
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- andAntimony-free, “Green” and Lead-free.
Thermal characteristics can be found on the company web site at www.diodes.com/design/support/packaging/
3. E = Pb-free and Green
4. X suffix = Tape/Reel
www.diodes.com
April 2018
Diodes Incorporated
PI3B3257
Document Number DS40430 Rev 2-2
Ordering Information
Ordering Code
Packaging Code
Package Description
PI3B3257QEX
Q
16-pin, 150 mil wide (QSOP)
PI3B3257WEX
W
16-pin, 150-mil wide (SOIC)
PI3B3257LEX
L
16-pin, 173 mil wide (TSSOP)
PI3B3257ZHDEX
ZHD
16-pin, 3x3 (UQFN)
PKG. DIMENSIONS(MM)
SYMBOL
Min
Max
A1
0.00
A3
D
2.90
3.10
D1
E1
1.60
1.90
b
e
0.05
A
0.50
0.65
E
2.90
3.10
0.50 BSC
1.60
1.90
0.15 REF
0.18
0.30
L
0.25
0.55
PIN1
Index Area
D
D1
e
DATE: 07/27/16
DESCRIPTION: 16-Pin, UQFN, 3X3
PACKAGE CODE: ZHD(ZHD16)
DOCUMENT CONTROL#: PD-2209
REVISION: --
Top View
2.90
1.60
0.70x16
Bottom View
Side View
RECOMMENDED LAND PATTERN(unit:mm)
Note
:
1. Comply with MO-248E,except 'L' MIN and 'L' 'D1' 'E1' MAX
N1
N4
N5
N8
N9
N12
N13
N16
16-0092
Packaging Mechanical:
16-UQFN (ZHD)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com