Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3EQX12908A2 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3EQX12908A2
Description  8-channel PCI Express Gen 3, 10GbE, SATA3 ReDriver??with Linear Equalization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3EQX12908A2 Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3EQX12908A2 Datasheet HTML 1Page - Diodes Incorporated PI3EQX12908A2 Datasheet HTML 2Page - Diodes Incorporated PI3EQX12908A2 Datasheet HTML 3Page - Diodes Incorporated PI3EQX12908A2 Datasheet HTML 4Page - Diodes Incorporated PI3EQX12908A2 Datasheet HTML 5Page - Diodes Incorporated PI3EQX12908A2 Datasheet HTML 6Page - Diodes Incorporated PI3EQX12908A2 Datasheet HTML 7Page - Diodes Incorporated PI3EQX12908A2 Datasheet HTML 8Page - Diodes Incorporated PI3EQX12908A2 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
A product Line of
Diodes Incorporated
PI3EQX12908A2
www.diodes.com
November 2017
Diodes Incorporated
PI3EQX12908A2
Document Number DS40411 Rev 1-2
Block Diagram
Pin Configuration - Top View (54-TQFN)
+
-
+
-
er
Voltage
mode
output
buffer
I+
+
Buff r
Conditional
Output Load:
100-Ohm diff.
or Hi-Z
ut
I+
-
Input Threshold
Detection
Swing
Control
Buffer
Flat gain
control
Flat gain
control (2-bits)
Output Swing
control (1-bit)
CML Input
Buffer
VDD
Linear
Amplifier
Equalizer
Power
Management
PRSNT#
Equalization
Control (4-bit)
Conditional
Input Load:
50-Ohm or
200K-ohm
Rx detect
I+
I-
Repeats for 8 Channel
I+
O+
I+
O-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20 21 22 23 24 25 26
28
29
30
31
32
33
34
35
39
38
37
36
B0RX-
B1RX+
B1RX-
B2RX+
B3RX+
B3RX-
A1RX+
A1RX-
A3RX+
A3RX-
GND
B0TX-
B0TX+
B2TX-
A0TX+
A0TX-
B0RX+
B2RX-
VDD
A0RX+
A0RX-
VDD
A2RX+
A2RX-
A3TX-
A3TX+
A2TX-
A2TX+
A1TX-
A1TX+
VDD
B3TX-
40
41
42
43
49
45
44
47
48
B3TX+
B2TX+
VDD
B1TX-
50
51
52
53
54
27
46
B1TX+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com