Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V6416Q Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI4IOE5V6416Q
Description  Low-Voltage Translating 16-bit I2C-bus I/O Expander
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI4IOE5V6416Q Datasheet(HTML) 5 Page - Diodes Incorporated

  PI4IOE5V6416Q Datasheet HTML 1Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 2Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 3Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 4Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 5Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 6Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 7Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 8Page - Diodes Incorporated PI4IOE5V6416Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PI4IOE5V6416Q
www.diodes.com
December 2020
Document Number DS42666 Rev 2-2
5
© Diodes Incorporated
PI4IOE5V6416Q
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
I/Os
VIL
Low-level input voltage
P0 – P7
-0.5
-
+0.3*VDD(P)
V
VIH
High-level input voltage
P0 – P7
0.7*VDD(P)
-
5.5
V
VOH
High-level output voltage
IOH = -2.5mA; CCX.X=00b
IOH = -5mA; CCX.X=01b
IOH = -7.5mA; CCX.X=10b
IOH = -10mA; CCX.X=11b
VDD(P) = 1.65 V
1.1
-
-
V
VDD(P) = 2.3 V
1.7
-
-
VDD(P) = 3 V
2.5
-
-
VDD(P) = 4.5 V
4.0
-
-
VOL
Low-level output voltage
IOL = 2.5mA; CCX.X=00b
IOL = 5mA; CCX.X=01b
IOL = 7.5mA; CCX.X=10b
IOL = 10mA; CCX.X=11b
VDD(P) = 1.65 V
-
-
0.5
V
VDD(P) = 2.3 V
-
-
0.3
VDD(P) = 3 V
-
-
0.25
VDD(P) = 4.5 V
-
-
0.2
IIH
High-level input current
P port; VI = VDD(P)
-
-
1
μA
IIL
Low-level input current
P port; VI = VSS
-
-
1
μA
Rpu(int)
Internal pull-up resistance
Input/Output
50
100
150
kΩ
Rpd(int)
Internal pull-down
resistance
Input/Output
50
100
150
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com