Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI4IOE5V6416LEX Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI4IOE5V6416LEX
Description  Low-Voltage Translating 16-bit I2C-bus I/O Expander
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI4IOE5V6416LEX Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI4IOE5V6416LEX Datasheet HTML 3Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 4Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 5Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 6Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 7Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 8Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 9Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 10Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PI4IOE5V6416
www.diodes.com
September 2018
Document Number DS40821 Rev 3-2
7
© Diodes Incorporated
PI4IOE5V6416
Dynamic Characteristics
Symbol
Parameter
Standard mode I
2C
Fast mode I
2C
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
kHz
tBUF
Bus free time between a STOP and START condition
4.7
-
1.3
-
μs
tHD;STA
Hold time (repeated) START condition
4.0
-
0.6
-
μs
tSU;STA
Set-up time for a repeated START condition
4.7
-
0.6
-
μs
tSU;STO
Set-up time for STOP condition
4.0
-
0.6
-
μs
tVD;ACK
Data valid acknowledge time
-
3.45
-
0.9
μs
tHD;DAT
Data hold time
0
-
0
-
ns
tVD;DAT
Data valid time
-
3.45
-
0.9
ns
tSU;DAT
Data set-up time
250
-
100
-
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
μs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
μs
tf
Fall time of both SDA and SCL signals
-
300
20 x
(VDD/5.
5V)
300
ns
tr
Rise time of both SDA and SCL signals
-
1000
20
300
ns
tSP
Pulse width of spikes that must be suppressed by the
input filter
0
50
0
50
ns
Interrupt timing
tV(INT)
Valid time on pin INT
-
1
-
1
μs
tRST(INT)
Reset time on pin INT
-
1
-
1
μs
Reset timing
tw(rst)
Reset pulse width
30
-
30
-
ns
trst_rec
Reset recovery time
200
-
200
-
ns
trst
Reset time
600
-
600
-
ns
P Port timing
tV(Q)
Data output valid time (from SCL to P Port)
-
400
-
400
ns
tSU(D)
Data input setup time (from P Port to SCL)
0
-
0
-
ns
th(D)
Data input hold time (from P Port to SCL)
300
-
300
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com